Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F101X6 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STM32F101X6
Description  Access line, advanced ARM-based 32-bit MCU with Flash memory, six 16-bit timers, ADC and seven communication interfaces
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101X6 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STM32F101X6_08 Datasheet HTML 29Page - STMicroelectronics STM32F101X6_08 Datasheet HTML 30Page - STMicroelectronics STM32F101X6_08 Datasheet HTML 31Page - STMicroelectronics STM32F101X6_08 Datasheet HTML 32Page - STMicroelectronics STM32F101X6_08 Datasheet HTML 33Page - STMicroelectronics STM32F101X6_08 Datasheet HTML 34Page - STMicroelectronics STM32F101X6_08 Datasheet HTML 35Page - STMicroelectronics STM32F101X6_08 Datasheet HTML 36Page - STMicroelectronics STM32F101X6_08 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 74 page
background image
STM32F101xx
Electrical characteristics
33/74
Figure 14.
Current consumption in Stop mode with regulator in Run mode versus temperature at
VDD = 3.3 V and 3.6 V
Table 14.
Typical and maximum current consumptions in Stop and Standby modes
Symbol
Parameter
Conditions
Typ(1)
Max
Unit
VDD/ VBAT
= 2.4 V
VDD/VBAT
= 3.3 V
TA = 85 °C
IDD
Supply current in
Stop mode
Regulator in Run mode,
Low-speed and high-speed internal RC
oscillators and high-speed oscillator
OFF (no independent watchdog)
23.5
24
200(2)
µA
Regulator in Low Power mode,
Low-speed and high-speed internal RC
oscillators and high-speed oscillator
OFF (no independent watchdog)
13.5
14
180(2)
Supply current in
Standby mode(3)
Low-speed internal RC oscillator and
independent watchdog OFF, low-speed
oscillator and RTC OFF
1.7
2
4(2)
IDD_VBAT
Backup domain
supply current
Low-speed oscillator and RTC ON
1.1
1.4
1.9(4)
1.
Typical values are measured at TA = 25 °C, VDD = 3.3 V, unless otherwise specified.
2.
Data based on characterization results, tested in production at VDDmax and fHCLK max.
3.
To have the Standby consumption with RTC ON, add IDD_VBAT (Low-speed oscillator and RTC ON) to IDD Standby (when
VDD is present the Backup Domain is powered by VDD supply).
4.
Data based on characterization results, not rested in production.
Stop regulator ON
0
20
40
60
80
100
120
140
-45
25
70
90
Temperature (°C)
3.3 V
3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com