Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F101X6 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STM32F101X6
Description  Access line, advanced ARM-based 32-bit MCU with Flash memory, six 16-bit timers, ADC and seven communication interfaces
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101X6 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STM32F101X6_08 Datasheet HTML 30Page - STMicroelectronics STM32F101X6_08 Datasheet HTML 31Page - STMicroelectronics STM32F101X6_08 Datasheet HTML 32Page - STMicroelectronics STM32F101X6_08 Datasheet HTML 33Page - STMicroelectronics STM32F101X6_08 Datasheet HTML 34Page - STMicroelectronics STM32F101X6_08 Datasheet HTML 35Page - STMicroelectronics STM32F101X6_08 Datasheet HTML 36Page - STMicroelectronics STM32F101X6_08 Datasheet HTML 37Page - STMicroelectronics STM32F101X6_08 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 74 page
background image
Electrical characteristics
STM32F101xx
34/74
Figure 15.
Current consumption in Stop mode with regulator in Low-power mode versus
temperature at VDD = 3.3 V and 3.6 V
Figure 16.
Current consumption in Standby mode versus temperature at VDD = 3.3 V and 3.6 V
0
20
40
60
80
100
120
140
-40
0
25
70
85
Temperature (°C)
3.3 V
3.6 V
Standby mode
0
0.5
1
1.5
2
2.5
3
-45
257090
Temperature (°C)
3.3 V
3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com