Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP1203PBF Datasheet(PDF) 17 Page - International Rectifier

Part # IP1203PBF
Description  Single Output Full Function Synchronous Buck Power Block
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1203PBF Datasheet(HTML) 17 Page - International Rectifier

Back Button IP1203PBF Datasheet HTML 13Page - International Rectifier IP1203PBF Datasheet HTML 14Page - International Rectifier IP1203PBF Datasheet HTML 15Page - International Rectifier IP1203PBF Datasheet HTML 16Page - International Rectifier IP1203PBF Datasheet HTML 17Page - International Rectifier IP1203PBF Datasheet HTML 18Page - International Rectifier IP1203PBF Datasheet HTML 19Page - International Rectifier IP1203PBF Datasheet HTML 20Page - International Rectifier IP1203PBF Datasheet HTML 21Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
www.irf.com
17
iP1203PbF
Typical Waveforms
Ch1: Switching node, 400kHz
Ch2: 800kHz external synchronization
Fig. 17: iP1203PbF Outputs Synchronized to
800kHz
Ch1: Output voltage, 500mV/div
Ch3: Output current, 10A/div
Fig. 18: iP1203PbF Output Hiccup, Due to Over-
load
Ch1: Output voltage, 100mV/div ac
Ch3: Load current, 5A/div
Fig. 19: iP1203PbF Transient Response Load Step
1A to 12A
Ch1: Output voltage, 100mV/div ac
Ch3: Load current, 5A/div
Fig. 20: iP1203PbF Transient Response Load Step
12A to 0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com