Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP1203PBF Datasheet(PDF) 12 Page - International Rectifier

Part # IP1203PBF
Description  Single Output Full Function Synchronous Buck Power Block
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1203PBF Datasheet(HTML) 12 Page - International Rectifier

Back Button IP1203PBF Datasheet HTML 8Page - International Rectifier IP1203PBF Datasheet HTML 9Page - International Rectifier IP1203PBF Datasheet HTML 10Page - International Rectifier IP1203PBF Datasheet HTML 11Page - International Rectifier IP1203PBF Datasheet HTML 12Page - International Rectifier IP1203PBF Datasheet HTML 13Page - International Rectifier IP1203PBF Datasheet HTML 14Page - International Rectifier IP1203PBF Datasheet HTML 15Page - International Rectifier IP1203PBF Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
www.irf.com
12
iP1203PbF
Only a few external components are required to com-
plete a dual output synchronous buck power supply
using iP1203PbF. The following procedure will guide
the designer through the design and selection pro-
cess of these external components.
A typical application for the iP1203 is:
V
IN = 12V, VOUT = 1.5V, IOUT = 15A, fsw = 300kHz, Vp-p =
= 50mV
Setting the Output Voltage
The output voltage of the iP1203PbF is set by the
0.8V reference V
REF and external voltage dividers.
Fig. 14: Typical Scheme for Output Voltage Setting
V
OUT is set according to equation (1):
V
OUT = VREF x (1 + R2 /R5 ) (see Fig. 14)
(1)
Setting R
2 to 1K, VOUT to 1.5V and VREF to 0.8V, will
result in R
5= 1.14 Kohms. Final values can be se-
lected according to the desired accuracy of the out-
put.
To set the output voltage for Type III compensation,
refer to equation (24) in Type III compensation sec-
tion.
iP1203PbF Design Procedure
Setting the Overvoltage Trip
The output of the iP1203 will shut down if it experi-
ences a voltage in the range of 115% of V
OUT. The
overvoltage sense pin FBs is connected to the out-
put through voltage dividers, R26 and R27 (Fig. 14),
and the trip setpoint is programmed according to
equation (1). A separate overvoltage sense pin FBs
is provided to protect the power supply output if for
some reason the main feedback loop is lost (for in-
stance, loss of feedback resistors). An optional 100pF
capacitor (C14) is used for delay and filtering.
If this redundancy is not required and if a Type II con-
trol loop compensation scheme is utilized, FBs pin
can be connected to FB.
Selecting the Soft-Start Capacitor
The soft start capacitor C
ss is selected according to
equation (2):
t
ss = 40 x Css
(2)
where,
t
ss is the output voltage ramp time in milliseconds,
and C
ss is the soft start capacitor in µF.
A 0.1µF capacitor will provide an output voltage ramp-
up time of about 4ms.
Input Capacitor Selection
The switching currents impose RMS current require-
ments on the input capacitors. Equation (3) allows
the selection of the input capacitors.
where, I
out is the output current, and D is the duty
cycle and is expressed as:
D = V
OUT / VIN.
For the above example D= 0.13 and, using equation
(3) the capacitor rms current yields 5.0A.
For Type II compensation,
(3)
)
1
(
D
D
I
I
out
RMS
−
=
R2
R5
R26
R27
iP1203
C14
(Optional)
Vout
FB
FBS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com