Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPVE Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SPVE
Description  Compact One-way Operation Type Detector Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SPVE Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SPVE Datasheet HTML 1Page - List of Unclassifed Manufacturers SPVE Datasheet HTML 2Page - List of Unclassifed Manufacturers SPVE Datasheet HTML 3Page - List of Unclassifed Manufacturers SPVE Datasheet HTML 4Page - List of Unclassifed Manufacturers SPVE Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Detector
303
Power
Push
Slide
Rotary
Encoders
Dual-in-line
Package Type
Multi Control
Devices
TACT
Custom-
Products
Products Specifications
SPVL
1mA 5V DC
2
Ω max.
5N
50,000
cycles
5
Ω max.
(1mA 5V DC)
50,000 cycles
5
Ω max.
1N
for 1 min.
SSCM
0.5N
0.5N
for 1 min.
500m
Ω
max.
SPVG
50mA
20V DC
10N
ー40±2℃
for 96h
100,000
cycles
1
Ω max.
(50mA 20V DC)
100,000 cycles
1
Ω max.
SPVN
2
Ω
max.
50,000
cycles
5
Ω max.
(1mA 5V DC)
50,000 cycles
5
Ω max.
ー20±2℃
for 96h
Series
Items
Operating temperature
range
Rating
(max.)
(Resistive load)
Electrical
performance
Mechanical
performance
Durability
Environmental
performance
Initial contact
resistance
Insulation
resistance
Voltage
proof
Robustness
of terminal
Robustness
of actuator
Operating life
without load
Operating life
with load
Cold
Dry heat
Damp heat
Resistance to
soldering heat
Manual
soldering
Dip
soldering
Reflow
soldering
Vibration
SPPB
0.1A
30V DC
(0.1A 30V DC)
50,000 cycles
2
Ω max.
50,000
cycles
2
Ω max.
SPVE
SPPW8
ー10℃ to +60℃
0.1A
30V DC
0.1A
12V DC
1
Ω
max.
1
Ω
max.
500m
Ω
max.
3N
for 1 min.
3N
for 1 min.
10N
10N
ー20±2℃
for 96h
ー25±2℃
for 96h
ー20±2℃
for 96h
100,000
cycles
2
Ω max.
(0.1A 30V DC)
100,000 cycles
2
Ω max.
(0.1A 12V DC)
50,000 cycles
1
Ω max.
2
Ω
max.
SPVM
1mA 5V DC
1N
for 1 min.
5N
50,000 cycles
5
Ω max.
(1mA 5V DC)
50,000 cycles
5
Ω max.
260
±
5
℃,
5
±1s
255
±
5
℃,
5
±1s
―
350
±5℃,
3s max.
100M
Ω min.
100V DC
100V AC
for 1 min.
0.5N
for 1 min.
5N
85
±2℃ for 96h
40
±2℃, 90 to 95%RH for 96h
50,000
cycles
1
Ω max.
―
Please see P.306
300
±
5
℃,
5s max.
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z for 2 hours respectively
0.5N
for 1 min.
2N
SPVR
3
Ω
max.
(1mA 5V DC)
50,000 cycles
10
Ω max.
5N
SPVP
5
Ω
max.
50,000
cycles
10
Ω max.
Detector Switches



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com