Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPVE Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SPVE
Description  Compact One-way Operation Type Detector Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SPVE Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SPVE Datasheet HTML 1Page - List of Unclassifed Manufacturers SPVE Datasheet HTML 2Page - List of Unclassifed Manufacturers SPVE Datasheet HTML 3Page - List of Unclassifed Manufacturers SPVE Datasheet HTML 4Page - List of Unclassifed Manufacturers SPVE Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Detector
307
Power
Push
Slide
Rotary
Encoders
Dual-in-line
Package Type
Multi Control
Devices
TACT
Custom-
Products
Taping Specifications
Order products in N minimum packing units(1 reel or 1 case).
Note
Reel Size
ø13 hole
ø21
3
W
Unit:mm
Taping Packaging
SPPW81
h = 6.1
(Reflow)
h = 6.55
(Reflow)
h = 7.6
(Reflow)
Series
6,000
2,400
22,400
17,600
22,400
16,000
24
24.4
24
24.4
16
16.4
12
12.4
3,000
1,200
5,600
4,400
5,600
4,000
1,500
600
2,800
2,200
16,000
4,000
2,000
2,800
2,000
SPPB
53
(Horizontal)
SPVE
Standard
Low-
profile
53
(Vertical)
5,200
2,600
1,300
63, 64
h=3.8
h=4.1
h=4.8
h=5.5
h=5.2
h=3.3
h=4.75
Number of packages
(pcs.)
Reel width
W
(mm)
Tape width
(mm)
1 reel
1 case
/domestic
1 case
/export packing
4,000
2,000
1,000
3,400
1,700
850
12,000
6,000
3,000
SPVM
10,000
5,000
2,500
SPVR
20,000
10,000
5,000
SPVN
10,000
5,000
2,500
SPVG
18,000
9,000
4,500
SPVP
20,000
10,000
5,000
SPVL
12,000
6,000
3,000
SSCM
3,300
44.4
44
1,650
550
SPPY5
Detector Switches



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com