Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P50-30-R1-EA Datasheet(PDF) 1 Page - 3M Electronics

Part # P50-30-R1-EA
Description  3M™ Pak 50 Boardmount Plug .050" Through-Hole, Straight and Right Angle, with Ret. Clips, Flng. Option
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

P50-30-R1-EA Datasheet(HTML) 1 Page - 3M Electronics

  P50-30-R1-EA Datasheet HTML 1Page - 3M Electronics P50-30-R1-EA Datasheet HTML 2Page - 3M Electronics P50-30-R1-EA Datasheet HTML 3Page - 3M Electronics P50-30-R1-EA Datasheet HTML 4Page - 3M Electronics P50-30-R1-EA Datasheet HTML 5Page - 3M Electronics P50-30-R1-EA Datasheet HTML 6Page - 3M Electronics P50-30-R1-EA Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnector.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Pak 50 Boardmount Plug
.050" Through-Hole, Straight and Right Angle, with Ret. Clips, Flng. Option
P50 Series
• Contact design features two contact points and
straight beam construction for connector reliability
and low insertion force
• Retention clip secures connector for wave soldering
eliminating additional hardware expenses
• Horizontal, parallel or vertical mating available
• Insulator design prevents mis-insertion errors and
contact damage
• Available with and without flanges
• RoHS Compliant. See the Regulatory Information
Appendix (RIA) in the "RoHS Compliance" section
of www.3Mconnector.com for compliance
information (RIA E1 and C1 apply)
Date Modified: February 10, 2010
TS-2046-B
Sheet 1 of 6
Physical
Insulator:
Material: Glass Filled Nylon
Flammability: UL 94V-0
Color: Black
Contact Material: Phosphor Bronze
Plating:
Underplating: Nickel
Wiping Area: 10 µ" [ 0.25 µm ] Gold
Solder Tails: Gold Flash
Retaining Clips: Tin-Copper
Mating Compatibility: TS-2047
Electrical
Current Rating: 0.5 A
Insulation Resistance: > 1 × 109 Ω at 500 V
DC
Withstanding Voltage: 500 Vrms at Sea Level
Environmental
Temperature Rating: -55ºC to +85ºC
Process Rating: 260ºC Wave Solder Compatible
UL File No.: E68080


Similar Part No. - P50-30-R1-EA

ManufacturerPart #DatasheetDescription
logo
3M Electronics
P50-040S-R1-TG 3M-P50-040S-R1-TG Datasheet
486Kb / 6P
High density connectors with up to 200 contacts
10-Mar-2003
P50-050P-R1-EA 3M-P50-050P-R1-EA Datasheet
2Mb / 6P
3M™ Pak 50 Socket .050" Straight and Right Angle Socket, with Ret. Clips, Fing. Option
November 11, 2006
P50-068-DDS-EA 3M-P50-068-DDS-EA Datasheet
984Kb / 6P
050 Straight and Right Angle, Cable Mount
P50-080S-R1-EA 3M-P50-080S-R1-EA Datasheet
2Mb / 6P
3M™ Pak 50 Socket .050" Straight and Right Angle Socket, with Ret. Clips, Fing. Option
November 11, 2006
logo
SICK AG
P50-1 SICK-P50-1 Datasheet
588Kb / 4P
Accessory
2024-05-15 00:17:11
More results

Similar Description - P50-30-R1-EA

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9601026202AR 3M-9601026202AR Datasheet
548Kb / 5P
3M™ Boardmount Socket
14-Feb-2008
logo
E-SWITCH
DR3-10R E-SWITCH-DR3-10R Datasheet
170Kb / 1P
Through Hole, Right Angle, and SMT Option
logo
3M Electronics
950408-5002-AR 3M-950408-5002-AR Datasheet
566Kb / 4P
3M™ Boardmount Socket
24-Apr-2012
N10226-5212PC 3M-N10226-5212PC Datasheet
399Kb / 6P
3M™ Mini D Ribbon (MDR) Connectors .050″ Boardmount Thru-Hole Right Angle Receptacle-Shielded
15-Nov-2007
N10250-52E2PC 3M-N10250-52E2PC Datasheet
410Kb / 6P
3M??Mini D Ribbon (MDR) Connectors .050??Boardmount Thru-Hole Right Angle Receptacle-Shielded
P08-100PL-C-G 3M-P08-100PL-C-G Datasheet
817Kb / 3P
3M Pak 8 Plug Connector
06-Jul-2012
SBR-RA-29-S 3M-SBR-RA-29-S Datasheet
865Kb / 4P
Boardmount Right Angle, Through-Hole Receptacle
03-Mar-2011
logo
Molex Electronics Ltd.
0734035110 MOLEX11-0734035110 Datasheet
47Kb / 1P
50 Ohms, FAKRA SMB Jack, Right Angle, Through Hole, Brass Body, Keying Option
0732980100 MOLEX11-0732980100 Datasheet
31Kb / 1P
50 Ohms, BMA Plug Right-Angle, PCB Through Hole
0732980100 MOLEX-0732980100_V01 Datasheet
32Kb / 1P
50 Ohms, BMA Plug Right-Angle, PCB Through Hole
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com