Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJMOP2277GR Datasheet(PDF) 8 Page - Nisshinbo Micro Devices Inc.

Part # NJMOP2277GR
Description  High EMC Performance, Low Noise, Precision Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJMOP2277GR Datasheet(HTML) 8 Page - Nisshinbo Micro Devices Inc.

Back Button NJMOP2277GR Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Datasheet
NJMOP277/NJMOP2277
* NJMOP2277FE and NJMOP2277FR are discontinued products.
- 8 -
Ver.3.0
■ ELECTRICAL CHARACTERISTICS (NJMOP277GE / NJMOP277GR)
V+ / V− = ±5V to ±15V, Ta = 25°C, VCOM = 0V, unless otherwise specified.
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
INPUT CHARACTERISTICS *1
Input Offset Voltage
VIO
VCOM=0V、
Rs=50Ω
-
20
50
µV
Ta = -40°C to 125°C
-
-
100
µV
Input Offset Voltage Drift
ΔVIO/ΔT
VCOM=0V、
Rs=50Ω,
Ta = -40°C to 125°C
-
0.1
0.6
µV/°C
Input Bias Current
IB
VCOM=0V
-
0.5
2.5
nA
Ta = -40°C to 125°C
-
-
4
nA
Input Offset Current
IIO
VCOM=0V
-
0.5
2
nA
Ta = -40°C to 125°C
-
-
3
nA
Open-Loop Voltage Gain
AV1
VO=(V-+0.5V) to (V+-1.5V),
RL
=10kΩ to 0V
126
140
-
dB
AV2
VO=(V-+1.5V) to (V+-2V),
RL
=2kΩ to 0V
126
134
-
dB
Ta = -40°C to 125°C
120
-
-
Common-Mode Rejection Ratio
CMR
VICM=(V-+2V) to (V+-2V)
115
140
-
dB
Ta = -40°C to 125°C
115
-
-
Common-Mode Input Voltage Range
VICM
CMR ≧ 115dB
V-+2
-
V+-2
V
Ta = -40°C to 125°C
V-+2
-
V+-2
V
OUTPUT CHARACTERISTICS
High-level Output Voltage
VOH1
RL
=10kΩ to 0V
V+-1.5
V+-1.25
-
V
Ta = -40°C to 125°C
V+-1.5
-
-
V
VOH2
RL
=2kΩ to 0V
V+-2
V+-1.3
-
V
Ta = -40°C to 125°C
V+-2
-
-
V
Low-level Output Voltage
VOL1
RL
=10kΩ to 0V
-
V-+0.2
V-+0.5
V
Ta = -40°C to 125°C
-
-
V-+0.5
V
VOL2
RL
=2kΩ to 0V
-
V-+0.5
V-+1.5
V
Ta = -40°C to 125°C
-
-
V-+1.5
V
Output Short-Circuit Current
ISC
Short to 0V
-
±30
-
mA
POWER SUPPLY
Supply Current
ISUPPLY
No Signal, RL=OPEN
-
760
800
µA
Ta = -40°C to 125°C
-
-
900
µA
Supply Voltage Rejection Ratio
SVR
V+ / V- = ±2.25V to ±15V
120
140
-
dB
Ta = -40°C to 125°C
120
-
-
dB
*1 Input offset voltage and drift, Input bias and offset current are positive or negative, its absolute values are listed in electrical characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com