Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJMOP2277GR Datasheet(PDF) 14 Page - Nisshinbo Micro Devices Inc.

Part # NJMOP2277GR
Description  High EMC Performance, Low Noise, Precision Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJMOP2277GR Datasheet(HTML) 14 Page - Nisshinbo Micro Devices Inc.

Back Button NJMOP2277GR Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 15Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 16Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. NJMOP2277GR Datasheet HTML 18Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Datasheet
NJMOP277/NJMOP2277
* NJMOP2277FE and NJMOP2277FR are discontinued products.
- 14 -
Ver.3.0
■ TYPICAL CHARACTERISTICS
Note: Typical Characteristics are intended to be used as reference data; they are not guaranteed.
0
2
4
6
8
10
12
14
16
18
20
22
24
Offset Voltage Drift [
μV/°C]
Offset Voltage Drift Distribution
V+/V−=±15V, T
a=-40°C to +125°C, G-Grade
0
2
4
6
8
10
12
-50 -40 -30 -20 -10
0
10 20 30 40 50
Input Offset Voltage [
μV]
Input Offset Voltage Distribution
V+/V-=±5V, Ta=25ºC, G-Grade
0
2
4
6
8
10
12
-50 -40 -30 -20 -10
0
10 20 30 40 50
Input Offset Voltage [
μV]
Input Offset Voltage Distribution
V+/V-=±15V, Ta=25ºC, G-Grade
0
2
4
6
8
10
12
14
16
18
20
22
24
Offset Voltage Drift [
μV/°C]
Offset Voltage Drift Distribution
V+/V−=±5V, T
a=-40°C to +125°C, G-Grade
-100
-80
-60
-40
-20
0
20
40
60
80
100
-75 -50 -25
0
25
50
75 100 125 150
Ambient Temperature [°C]
Input Offset Voltage vs. Temperature
V+/V−=±5V, V
COM=0V, G-Grade
-100
-80
-60
-40
-20
0
20
40
60
80
100
-75 -50 -25
0
25
50
75 100 125 150
Ambient Temperature [°C]
Input Offset Voltage vs. Temperature
V+/V−=±15V, V
COM=0V, G-Grade



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com