Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

64WQ Datasheet(PDF) 39 Page - Numonyx B.V

Part # 64WQ
Description  Wireless Flash Memory (W18/W30 SCSP)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

64WQ Datasheet(HTML) 39 Page - Numonyx B.V

Back Button 64WQ Datasheet HTML 35Page - Numonyx B.V 64WQ Datasheet HTML 36Page - Numonyx B.V 64WQ Datasheet HTML 37Page - Numonyx B.V 64WQ Datasheet HTML 38Page - Numonyx B.V 64WQ Datasheet HTML 39Page - Numonyx B.V 64WQ Datasheet HTML 40Page - Numonyx B.V 64WQ Datasheet HTML 41Page - Numonyx B.V 64WQ Datasheet HTML 42Page - Numonyx B.V 64WQ Datasheet HTML 43Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
November 2007
Datasheet
Order Number: 251407-13
39
32WQ and 64WQ Family with Asynchronous RAM
Appendix E Ordering Information (Active Line Items)
Figure 16: Decoder for Flash + RAM SCSP Family Devices
F 2 0
W 0 Z B Q
8
D 3
R
Package
Pinout Indicator
Product Line
D esignator
Flash D ensity
Voltage
Product Fam ily
RD = SCSP
PF = Pb-free SCSP
38F = Flash & R AM Stack Device
2 = 64-Mbit
1 = 32-Mbit
0 = No die
W = Intel® W ireless Flash Memory
0 = No D ie
Y = 1.8 Volt I/O
Z = 3 Volt I/O
Q= Q UAD+ ballout
3 0
RA M Density
4 = 32-Mbit
3 = 16-Mbit
2 = 8-M bit
1 = 4-M bit
0 = No Die
0
Param eter Location
B = Bottom Param eter
T = Top Parameter
D = D ual Param eter
Device D etails
0-9, A-D = 1st Generation, 130 nm
E-R = 2
nd Generation, 90 nm
(note: 90 nm is only 1.8 V I/O)
S-Z = 3rd Generation, TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com