Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N3134 Datasheet(PDF) 1 Page - Native Lighting Ltd, all rights reserved.

Part # N3134
Description  Slim Lamp Flex XL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NATIVELIGHTING [Native Lighting Ltd, all rights reserved.]
Direct Link  https://native-lighting.com/
Logo NATIVELIGHTING - Native Lighting Ltd, all rights reserved.

N3134 Datasheet(HTML) 1 Page - Native Lighting Ltd, all rights reserved.

  N3134 Datasheet HTML 1Page - Native Lighting Ltd, all rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Telephone 0117 370 9995 Email sales@native-lighting.com
For more information visit www.native-lighting.com
Slim Lamp Flex XL
Perfect for home, office, studio or workspace. A great portable
lamp, ideal for a beauty salon, craft table or desk.
A great portable lamp, ideal for anyone that likes to sew,
craft, paint models, work at a laptop, read or do beauty
treatments at home, office, studio or workspace. If you go
to classes you will have your lamp working with your battery
pack making you completely independent. The 5,500K
daylight LED light source allows for accurate colour matching.
The spring clamp allows the user to clamp it to the edge of
a desk or other flat surface. The goose neck is flexible so you
can position the lamp exactly where you need the light.
There are three brightness levels on the lamp, just tap the end
to increase the brightness. Ideal to use with a laptop or over a
computer, the USB can be directly plugged into the computer.
The light has a continuious dimmer, once switched on keep
your finger on the end of the lamp to dim.
FEATURES
• Flexible gooseneck.
• Powerful LEDs.
• USB powered.
• Continuous dimmer.
• Available in Black & White.
• 2 Year Warranty.
• Colour: White or Black
TECHNICAL DETAILS
• Colour temperature: 5,500K.
• Overall length: 105cm
• Head length: 37cm
• Clamp depth: 6cm
• Weight: 0.5kg
• Cable length: 1.35m
Colour temps
5500K
Continuous
dimmer
N3133 WHITE
N3134 BLACK
USB
powered
Portable
lamp


Similar Part No. - N3134

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N310-003 ETC2-N310-003 Datasheet
485Kb / 3P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/SC), 1M (3-ft.)
logo
Tripp Lite. All Rights ...
N310-003 TRIPPLITE-N310-003 Datasheet
158Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (MTRJ/SC), 1M (3-ft.)
N310-006 TRIPPLITE-N310-006 Datasheet
158Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (MTRJ/SC), 2M (6-ft.)
N310-010 TRIPPLITE-N310-010 Datasheet
158Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (MTRJ/SC), 3M (10-ft.)
N310-05M TRIPPLITE-N310-05M Datasheet
158Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (MTRJ/SC), 5M (16-ft.)
More results

Similar Description - N3134

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
IPS-XLC ZORAN-IPS-XLC Datasheet
80Kb / 2P
PCL XL Interpreter
logo
List of Unclassifed Man...
MC2000 ETC2-MC2000 Datasheet
77Kb / 1P
Professional Microphone Cable - XL
logo
MUSIC Semiconductors
MU9C3640L MUSIC-MU9C3640L Datasheet
185Kb / 22P
LIST-XL Family
logo
Cooper Bussmann, Inc.
SB1XL-S COOPER-SB1XL-S Datasheet
137Kb / 3P
XL Fuse bases for XL Style photovoltaic fuse links
logo
SparkFun Electronics
ROB-12156 SPARKFUN-ROB-12156 Datasheet
89Kb / 1P
Timing Belt - XL (per foot)
2/10/2016
ROB-12317 SPARKFUN-ROB-12317 Datasheet
94Kb / 1P
Timing Belt Mount - XL
2/10/2016
TOL-14693 SPARKFUN-TOL-14693 Datasheet
79Kb / 2P
Shapeoko XL
6??5??8
logo
List of Unclassifed Man...
N1180 ETC-N1180 Datasheet
462Kb / 1P
Task Lamp XL
logo
Lapp.
52115700 LAPP-52115700 Datasheet
144Kb / 2P
SKINTOP® MS-XL/ MSR-XL
03.07.2018
53112005 LAPP-53112005 Datasheet
293Kb / 2P
SKINTOP® MS-M-XL / MSR-M-XL
20.06.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com