Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2105 Datasheet(PDF) 39 Page - SMSC Corporation

Part # EMC2105
Description  RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2105 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button EMC2105 Datasheet HTML 35Page - SMSC Corporation EMC2105 Datasheet HTML 36Page - SMSC Corporation EMC2105 Datasheet HTML 37Page - SMSC Corporation EMC2105 Datasheet HTML 38Page - SMSC Corporation EMC2105 Datasheet HTML 39Page - SMSC Corporation EMC2105 Datasheet HTML 40Page - SMSC Corporation EMC2105 Datasheet HTML 41Page - SMSC Corporation EMC2105 Datasheet HTML 42Page - SMSC Corporation EMC2105 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
Datasheet
SMSC EMC2105
39
Revision 1.72 (11-01-07)
DATASHEET
0Dh
R/W
Pushed
Temperature 2
Stores the integer data for Pushed
Temperature 2 to drive LUT
00h
No
Page 47
10h
R
Trip Set Voltage
Stores the raw measured TRIP_SET
voltage or the VIN4 analog voltage input
FFh
No
Page 48
Diode Configuration
14h
R/W
External Diode 1
Beta
Configuration
Configures the beta compensation
settings for External Diode 1
10h
SWL
Page 48
15h
R/W
External Diode 2
Beta
Configuration
Configures the beta compensation
settings for External Diode 2
10h
SWL
Page 48
16h
R/W
External Diode 3
Beta
Configuration
Configures the beta compensation
settings for External Diode 3
10h
SWL
Page 48
17h
R/W
External Diode
REC
Configuration
Configures the Resistance Error
Correction functionality for all external
diodes
07h
SWL
Page 49
19h
R/W
External Diode 1
Tcrit Limit
Stores the Critical temperature limit for
the External Diode 1
64h
(100°C)
Write
Lock
Page 50
1Ah
R/W
External Diode 2
Tcrit Limit
Stores the Critical temperature limit for
the External Diode 2
64h
(100°C)
Write
Lock
Page 50
1Bh
R/W
External Diode 3
Tcrit Limit
Stores the Critical temperature limit for
the External Diode 3
64h
(100°C)
Write
Lock
Page 50
1Ch
R/W
External Diode 4
Tcrit Limit
Stores the Critical temperature limit for
the External Diode 4
64h
(100°C)
Write
Lock
Page 50
1Dh
R/W
Internal Diode
Tcrit Limit
Stores the Critical temperature limit for
the Internal Diode
64h
(100°C)
Write
Lock
Page 50
Configuration and control
1Fh
R-C
Tcrit Limit Status
Stores the status bits for all temperature
channel Tcrit limits
00h
No
Page 53
20h
R/W
Configuration
Configures the Thermal / Critical
Shutdown masking options and
software lock
00h
SWL
Page 50
21h
R/W
Configuration 2
Controls the conversion rate for
monitoring of all channels
0Eh
SWL
Page 51
22h
R/W
Configuration 3
Controls the VIN1 - 3 channels
00h
SWL
Page 53
23h
R
Interrupt Status
Stores the status bits for temperature
channels
00h
No
Page 53
24h
R-C
High Limit Status
Stores the status bits for all temperature
channel high limits
00h
No
Page 54
25h
R-C
Low Limit Status
Stores the status bits for all temperature
channel low limits
00h
No
Page 54
Table 6.1 EMC2105 Register Set (continued)
ADDR
R/W
REGISTER
NAME
FUNCTION
DEFAULT
VALUE
LOCK
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com