Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7035L Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 7035L
Description  HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7035L Datasheet(HTML) 1 Page - Renesas Technology Corp

  7035L Datasheet HTML 1Page - Renesas Technology Corp 7035L Datasheet HTML 2Page - Renesas Technology Corp 7035L Datasheet HTML 3Page - Renesas Technology Corp 7035L Datasheet HTML 4Page - Renesas Technology Corp 7035L Datasheet HTML 5Page - Renesas Technology Corp 7035L Datasheet HTML 6Page - Renesas Technology Corp 7035L Datasheet HTML 7Page - Renesas Technology Corp 7035L Datasheet HTML 8Page - Renesas Technology Corp 7035L Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
Feb.24.22
I/O
Control
Address
Decoder
MEMORY
ARRAY
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
Address
Decoder
I/O
Control
R/WL
BUSYL
A12L
A0L
4088 drw 01
UBL
LBL
CEL
OEL
I/O9L-I/O17L
I/O0L-I/O8L
CEL
OEL
R/WL
SEML
INTL
M/S
R/WR
BUSYR
UBR
LBR
CER
OER
I/O9R-I/O17R
I/O0R-I/O8R
A12R
A0R
R/WR
SEMR
INTR
CER
OER
(2)
(1,2)
(1,2)
(2)
13
13
7035L
HIGH-SPEED
8K x 18 DUAL-PORT
STATIC RAM
Features
◆
◆
◆
◆
◆
True Dual-Ported memory cells which allow simultaneous
reads of the same memory location
◆
◆
◆
◆
◆
High-speed access
– Commercial: 15ns (max.)
◆
◆
◆
◆
◆
Low-power operation
– IDT7035L
Active: 800mW (typ.)
Standby: 1mW (typ.)
◆
◆
◆
◆
◆
Separate upper-byte and lower-byte control for multiplexed
bus compatibility
◆
◆
◆
◆
◆
IDT7035 easily expands data bus width to 36 bits or more
using the Master/Slave select when cascading more than
one device
◆
◆
◆
◆
◆
M/S = H for BUSY output flag on Master
M/S = L for BUSY input on Slave
◆
◆
◆
◆
◆
Interrupt Flag
◆
◆
◆
◆
◆
On-chip port arbitration logic
◆
◆
◆
◆
◆
Full on-chip hardware support of semaphore signaling
between ports
◆
◆
◆
◆
◆
Fully asynchronous operation from either port
◆
◆
◆
◆
◆
Battery backup operation—2V data retention
◆
◆
◆
◆
◆
TTL-compatible, single 5V (±10%) power supply
◆
◆
◆
◆
◆
Available in 100-pin Thin Quad Flatpack
Functional Block Diagram
NOTES:
1. (MASTER): BUSY is output; (SLAVE): BUSY is input.
2. BUSY outputs and INT outputs are non-tri-stated push-pull.


Similar Part No. - 7035L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7035L15PFG IDT-7035L15PFG Datasheet
672Kb / 19P
HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
7035L15PFG IDT-7035L15PFG Datasheet
188Kb / 19P
HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
7035L15PFG8 IDT-7035L15PFG8 Datasheet
672Kb / 19P
HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
7035L15PFG8 IDT-7035L15PFG8 Datasheet
188Kb / 19P
HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
7035L15PFGI IDT-7035L15PFGI Datasheet
672Kb / 19P
HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
More results

Similar Description - 7035L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S Datasheet
192Kb / 19P
HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_18 Datasheet
188Kb / 19P
HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com