Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7035L Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 7035L
Description  HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7035L Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 7035L Datasheet HTML 9Page - Renesas Technology Corp 7035L Datasheet HTML 10Page - Renesas Technology Corp 7035L Datasheet HTML 11Page - Renesas Technology Corp 7035L Datasheet HTML 12Page - Renesas Technology Corp 7035L Datasheet HTML 13Page - Renesas Technology Corp 7035L Datasheet HTML 14Page - Renesas Technology Corp 7035L Datasheet HTML 15Page - Renesas Technology Corp 7035L Datasheet HTML 16Page - Renesas Technology Corp 7035L Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
6.42
7035L
High-Speed 8K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Range
13
Feb.24.22
AC Electrical Characteristics Over the
Operating Temperature and Supply VoltageRange(1)
Waveform of BUSY Arbitration Controlled by CE Timing(1) (M/S = VIH)
NOTE:
1. 'X' in part numbers indicates power rating (S or L).
Waveform of BUSY Arbitration Cycle Controlled by Address Match
Timing(1) (M/S = VIH)
NOTES:
1. All timing is the same for left and right ports. Port “A” may be either the left or right port. Port “B” is the port opposite from “A”.
2. If tAPS is not satisfied, the BUSY signal will be asserted on one side or another but there is no guarantee on which side BUSY will be asserted.
4088 drw 13
ADDR"A"
and "B"
ADDRESSES MATCH
CE"A"
CE"B"
BUSY"B"
tAPS
tBAC
tBDC
(2)
4088 drw 14
ADDR"A"
ADDRESS "N"
ADDR"B"
BUSY"B"
tAPS
tBAA
tBDA
(2)
MATCHING ADDRESS "N"
Symbol
Parameter
7035X15
Com'l Only
7035X20
Com'l & Ind
Unit
Min.
Max.
Min.
Max.
INTERRUPT TIMING
tAS
Address Set-up Time
0
____
0
____
ns
tWR
Write Recovery Time
0
____
0
____
ns
tINS
Interrupt Set Time
____
15
____
20
ns
tINR
Interrupt Reset Time
____
15
____
20
ns
4088 tbl 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com