Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF021A Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # AT25DF021A
Description  2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button AT25DF021A Datasheet HTML 28Page - Renesas Technology Corp AT25DF021A Datasheet HTML 29Page - Renesas Technology Corp AT25DF021A Datasheet HTML 30Page - Renesas Technology Corp AT25DF021A Datasheet HTML 31Page - Renesas Technology Corp AT25DF021A Datasheet HTML 32Page - Renesas Technology Corp AT25DF021A Datasheet HTML 33Page - Renesas Technology Corp AT25DF021A Datasheet HTML 34Page - Renesas Technology Corp AT25DF021A Datasheet HTML 35Page - Renesas Technology Corp AT25DF021A Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
DS-AT25DF021A-042 Rev. L
Page 32
8/7/23
© 2023 Renesas Electronics
AT25DF021A Datasheet
When the SPRL bit is in the logical 0 state, all Sector Protection Registers are unlocked and can be modified (the
Protect Sector and Unprotect Sector commands, as well as the Global Protect and Global Unprotect features, are
processed as normal). The SPRL bit defaults to the logical 0 state after a power-up or a device reset.
The SPRL bit can be modified freely whenever the WP pin is deasserted. However, if the WP pin is asserted, then
the SPRL bit can only be changed from a logical 0 (Sector Protection Registers are unlocked) to a logical 1
(Sector Protection Registers are locked). In order to reset the SPRL bit back to a logical 0 using the Write Status
Register command, the WP pin has to first be deasserted.The SPRL bit is the only bit of the Status Register that
can be user modified through the Write Status Register command.
11.1.2
SPM Bit
The SPM bit indicates whether the device is in the Byte/Page Program mode or the Sequential Program Mode.
The default state after power-up or device reset is the Byte/Page Program mode.
11.1.3
EPE Bit
The EPE bit indicates whether the last erase or program operation completed successfully or not. If at least one
byte during the erase or program operation did not erase or program properly, then the EPE bit is set to the logical
1 state. The EPE bit is not set if an erase or program operation stops for any reason such as an attempt to erase
or program a protected region or if the WEL bit is not set prior to an erase or program operation. The EPE bit is
updated after every erase and program operation.
11.1.4
WPP Bit
The WPP bit can be read to determine if the WP pin has been asserted or not.
11.1.5
SWP Bits
The SWP bits provide feedback on the software protection status for the device. There are three possible
combinations of the SWP bits that indicate whether none, some, or all of the sectors have been protected using
the Protect Sector command or the Global Protect feature. If the SWP bits indicate that some of the sectors have
been protected, then the individual Sector Protection Registers can be read with the Read Sector Protection
Registers command to determine which sectors are in fact protected.
11.1.6
WEL Bit
The WEL bit indicates the current status of the internal Write Enable Latch. When the WEL bit is in the logical 0
state, the device does not accept any program, erase, Protect Sector, Unprotect Sector, or Write Status Register
commands. The WEL bit defaults to the logical 0 state after a device power-up or reset. Also, the WEL bit is reset
to the logical 0 state automatically under the following conditions:
▪ Write Disable operation completes successfully
▪ Write Status Register operation completes successfully or stops
▪ Protect Sector operation completes successfully or stops
▪ Unprotect Sector operation completes successfully or stops
▪ Byte/Page Program operation completes successfully or stops
▪ Sequential Program Mode reaches highest unprotected memory location
▪ Sequential Program Mode reaches the end of the memory array
▪ Sequential Program Mode stops
▪ Block Erase operation completes successfully or stops
▪ Chip Erase operation completes successfully or stops
▪ Hold condition stops
If the WEL bit is in the logical 1 state, it is not reset to a logical 0 if an operation stops due to an incomplete or
unrecognized opcode being clocked into the device before the CS pin is deasserted. In order for the WEL bit to be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com