Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF021A Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # AT25DF021A
Description  2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button AT25DF021A Datasheet HTML 20Page - Renesas Technology Corp AT25DF021A Datasheet HTML 21Page - Renesas Technology Corp AT25DF021A Datasheet HTML 22Page - Renesas Technology Corp AT25DF021A Datasheet HTML 23Page - Renesas Technology Corp AT25DF021A Datasheet HTML 24Page - Renesas Technology Corp AT25DF021A Datasheet HTML 25Page - Renesas Technology Corp AT25DF021A Datasheet HTML 26Page - Renesas Technology Corp AT25DF021A Datasheet HTML 27Page - Renesas Technology Corp AT25DF021A Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 59 page
background image
DS-AT25DF021A-042 Rev. L
Page 24
8/7/23
© 2023 Renesas Electronics
AT25DF021A Datasheet
9.3
Protect Sector
Every physical sector of the device has a corresponding single-bit Sector Protection Register that is used to
control the software protection of a sector. Upon device power-up or after a device reset, each Sector Protection
Register defaults to the logical 1 state indicating that all sectors are protected and cannot be programmed or
erased.
Issuing the Protect Sector command to a particular sector address sets the corresponding Sector Protection
Register to the logical 1 state. The following table outlines the two states of the Sector Protection Registers.
Before the Protect Sector command can be issued, the Write Enable command must have been previously issued
to set the WEL bit in the Status Register to a logical 1. To issue the Protect Sector command, the CS pin must first
be asserted and the opcode of 36h must be clocked into the device followed by three address bytes designating
any address within the sector to be protected. Any additional data clocked into the device is ignored. When the CS
pin is deasserted, the Sector Protection Register corresponding to the physical sector addressed by A23 - A0 is
set to the logical 1 state, and the sector itself is then protected from program and erase operations. Also, the WEL
bit in the Status Register is reset back to the logical 0 state.
The complete three address bytes must be clocked into the device before the CS pin is deasserted, and the CS
pin must be deasserted on an even byte boundary (multiples of eight bits); otherwise, the device stops the
operation, the state of the Sector Protection Register is unchanged, and the WEL bit in the Status Register is reset
to a logical 0.
As a safeguard against accidental or erroneous protecting or unprotecting of sectors, the Sector Protection
Registers can themselves be locked from updates by using the SPRL (Sector Protection Registers Locked) bit of
the Status Register (see the Status Register description for more details). If the Sector Protection Registers are
locked, then any attempts to issue the Protect Sector command is ignored, and the device resets the WEL bit in
the Status Register back to a logical 0 and return to the idle state once the CS pin has been deasserted.
Figure 21. Protect Sector
Table 3. Sector Protection Register Values
Value
Sector Protection Status
0
Sector is unprotected and can be programmed and erased.
1
Sector is protected and cannot be programmed or erased. This is the default state.
SCK
CS
SI
SO
MSB
MSB
23
1
0
00110110
67
5
410 11
9
812
31
29 30
27 28
26
OPCODE
AAAA
AAA
AA
A
A
A
ADDRESS BITS A23-A0
High-Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com