Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP014101 Datasheet(PDF) 2 Page - Multicomp Pro

Part # MP014101
Description  Cartridge Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP014101 Datasheet(HTML) 2 Page - Multicomp Pro

  MP014101 Datasheet HTML 1Page - Multicomp Pro MP014101 Datasheet HTML 2Page - Multicomp Pro MP014101 Datasheet HTML 3Page - Multicomp Pro MP014101 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page <2>
V1.0
02/07/24
Cartridge Fuses
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Rated Current
110 %
300%
1000%
40mA~250mA
>4h
<10s
<2ms
Electrical Specifications
Time vs Current Characteristics Table
(measured with constant current power supply)
Electrical characteristics
Electrical Characteristics at 25°C
Amp Code
Rated
Current
Max
Voltage
Breaking
Capacity
Typical Melting
I²t (A²sec)
Typical Cold
Resistance
(mΩ)
Color Code
MP014098
40mA
250V AC
250V DC
4000A@250V AC
4000A@250V DC
0.00006
14.2
Grey
MP014099
50mA
0.00010
9.4
Red
MP014100
63mA
0.00012
8.8
Pink
MP014101
80mA
0.00018
5.1
Green
MP014102
100mA
0.00087
2.87
Yellow
MP014103
125mA
0.00134
2.2
Orange
MP014104
160mA
0.00166
2.05
Violet
MP014105
200mA
0.00237
1.01
Brown
MP014106
250mA
0.00530
0.71
Black
Notes: (1) DC Cold Resistance are measured at <10% of rated current in ambient temperature of 25°C
(2) Typical Pre-arcing I2t are measured at 10In current.
Temperature Derating Curve
Normal ambient temperature: 23 ±3°C
Operating temperature: -55°C to 125°C, with proper correction factor applied



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com