Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP014101 Datasheet(PDF) 4 Page - Multicomp Pro

Part # MP014101
Description  Cartridge Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP014101 Datasheet(HTML) 4 Page - Multicomp Pro

  MP014101 Datasheet HTML 1Page - Multicomp Pro MP014101 Datasheet HTML 2Page - Multicomp Pro MP014101 Datasheet HTML 3Page - Multicomp Pro MP014101 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page <4>
V1.0
02/07/24
Cartridge Fuses
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Surface Mount Barrier Network Fuses, 40mA, 250V AC/DC
MP014098
Surface Mount Barrier Network Fuses, 50mA, 250V AC/DC
MP014099
Surface Mount Barrier Network Fuses, 63mA, 250V AC/DC
MP014100
Surface Mount Barrier Network Fuses, 80mA, 250V AC/DC
MP014101
Surface Mount Barrier Network Fuses, 100mA, 250V AC/DC
MP014102
Surface Mount Barrier Network Fuses, 125mA, 250V AC/DC
MP014103
Surface Mount Barrier Network Fuses, 160mA, 250V AC/DC
MP014104
Surface Mount Barrier Network Fuses, 200mA, 250V AC/DC
MP014105
Surface Mount Barrier Network Fuses, 250mA, 250V AC/DC
MP014106



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com