Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS244ALH Datasheet(PDF) 6 Page - STMicroelectronics

Part # LIS244ALH
Description  MEMS inertial sensor high performance 2-axis ±2/±6g ultracompact linear accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS244ALH Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LIS244ALH Datasheet HTML 2Page - STMicroelectronics LIS244ALH Datasheet HTML 3Page - STMicroelectronics LIS244ALH Datasheet HTML 4Page - STMicroelectronics LIS244ALH Datasheet HTML 5Page - STMicroelectronics LIS244ALH Datasheet HTML 6Page - STMicroelectronics LIS244ALH Datasheet HTML 7Page - STMicroelectronics LIS244ALH Datasheet HTML 8Page - STMicroelectronics LIS244ALH Datasheet HTML 9Page - STMicroelectronics LIS244ALH Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Block diagram and pin description
LIS244ALH
6/16
Table 2.
Pin description
Pin #
Pin name
Function
1
FS
Full scale selection (Logic 0: ±2g Full-scale; Logic 1: ±6g Full-scale)
2
ST
Self test (Logic 0: normal mode; Logic 1: Self-test mode)
3
NC
Internally not connected
4
Res
Leave Unconnected or Connect to Vdd
5
PD
Power Down (Logic 0: normal mode; Logic 1: Power-Down mode)
6
NC
Internally not connected
7
GND
0V supply
8
NC
Internally not connected
9
NC
Internally not connected
10
VoutY
Output voltage Y channel
11
NC
Internally not connected
12
VoutX
Output voltage X channel
13
NC
Internally not connected
14
Vdd
Power supply
15
Res
Connect to Vdd
16
NC
Internally not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com