Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS244ALH Datasheet(PDF) 1 Page - STMicroelectronics

Part # LIS244ALH
Description  MEMS inertial sensor high performance 2-axis ±2/±6g ultracompact linear accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS244ALH Datasheet(HTML) 1 Page - STMicroelectronics

  LIS244ALH Datasheet HTML 1Page - STMicroelectronics LIS244ALH Datasheet HTML 2Page - STMicroelectronics LIS244ALH Datasheet HTML 3Page - STMicroelectronics LIS244ALH Datasheet HTML 4Page - STMicroelectronics LIS244ALH Datasheet HTML 5Page - STMicroelectronics LIS244ALH Datasheet HTML 6Page - STMicroelectronics LIS244ALH Datasheet HTML 7Page - STMicroelectronics LIS244ALH Datasheet HTML 8Page - STMicroelectronics LIS244ALH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
February 2008
Rev 2
1/16
16
LIS244ALH
MEMS inertial sensor
high performance 2-axis ±2/±6g ultracompact linear accelerometer
Features
■ 2.4 V to 3.6 V single supply operation
■ ±2 g / ±6 g user selectable full-scale
■ Low power consumption
■ Output voltage, offset and sensitivity are
ratiometric to the supply voltage
■ Factory trimmed device sensitivity and offset
■ Embedded self test
■ RoHS/ECOPACK® compliant
■ High shock survivability ( 10000 g )
Description
The LIS244ALH is an ultra compact consumer
low-power two-axis linear accelerometer that
includes a sensing element and an IC interface
able to take the information from the sensing
element and provide an analog signal to the
external world.
The sensing element, capable of detecting the
acceleration, is manufactured using a dedicated
process developed by ST to produce inertial
sensors and actuators in silicon.
The IC interface is manufactured using an ST
proprietary CMOS process with high level of
integration. The dedicated circuit is trimmed to
better match the sensing element characteristics.
The LIS244ALH has a dynamically user
selectable full-scale of ±2 g / ±6 g and it is
capable of measuring accelerations over a
maximum bandwidth of 2.0 kHz for all axes. The
device bandwidth may be reduced by using
external capacitances. The self-test capability
allows the user to check the functioning of the
system.
The LIS244ALH is available in Land Grid Array
package (LGA) manufactured by ST.
It is guaranteed to operate over an extended
temperature range of -40 °C to +85 °C.
The LIS244ALH belongs to a family of products
suitable for a variety of applications:
– Mobile terminals
– Gaming and virtual reality input devices
– Antitheft systems and inertial navigation
– Appliance and robotics.
LGA16 (4x4x1.5mm)
Table 1.
Device summary
Order code
Temp range [
° C]
Package
Packing
LIS244ALH
-40 to +85
LGA-16
Tray
LIS244ALHTR
-40 to +85
LGA-16
Tape and reel
www.st.com


Similar Part No. - LIS244ALH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS244AL STMICROELECTRONICS-LIS244AL Datasheet
165Kb / 15P
MEMS motion sensor:2-axis - ±2g ultracompact linear accelerometer
29-Jun-2007
LIS244ALTR STMICROELECTRONICS-LIS244ALTR Datasheet
165Kb / 15P
MEMS motion sensor:2-axis - ±2g ultracompact linear accelerometer
29-Jun-2007
More results

Similar Description - LIS244ALH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS2L02AL STMICROELECTRONICS-LIS2L02AL Datasheet
181Kb / 17P
MEMS INERTIAL SENSOR: 2-axis - /-2g ULTRACOMPACT LINEAR ACCELEROMETER
26-Sep-2005
LIS3L06AL STMICROELECTRONICS-LIS3L06AL Datasheet
172Kb / 17P
MEMS INERTIAL SENSOR: 3-axis - /-2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
28-Sep-2005
LIS2L06AL STMICROELECTRONICS-LIS2L06AL Datasheet
181Kb / 17P
MEMS INERTIAL SENSOR: 2-axis - /- 2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
2005-Sep-26
LIS3L02AL STMICROELECTRONICS-LIS3L02AL Datasheet
211Kb / 17P
MEMS INERTIAL SENSOR: 3-axis - /-2g ultracompact linear accelerometer
03-May-2006
LIS3L02AS5 STMICROELECTRONICS-LIS3L02AS5 Datasheet
153Kb / 14P
MEMS INERTIAL SENSOR: 3-axis - 짹2g/6g LINEAR ACCELEROMETER
01-Dec-2005
LIS2L06AL STMICROELECTRONICS-LIS2L06AL_06 Datasheet
198Kb / 17P
MEMS INERTIAL SENSOR:2-axis - /- 2g/6g ultracompact linear accelerometer
03-May-2006
LIS2L02AL STMICROELECTRONICS-LIS2L02AL_06 Datasheet
198Kb / 17P
MEMS INERTIAL SENSOR:2-axis - /-2g ultracompact linear accelerometer
03-May-2006
LIS344ALH STMICROELECTRONICS-LIS344ALH Datasheet
174Kb / 16P
MEMS inertial sensor high performance 3-axis 짹2/짹6g ultracompact linear accelerometer
18-Feb-2008
LIS3L06AL STMICROELECTRONICS-LIS3L06AL_06 Datasheet
211Kb / 17P
MEMS INERTIAL SENSOR-3-axis - /-2g/6g ultracompact linear accelerometer
03-May-2006
LIS344AL STMICROELECTRONICS-LIS344AL Datasheet
170Kb / 15P
MEMS inertial sensor 3-axis ultracompact linear accelerometer
17-Dec-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com