Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4040D82ILPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM4040D82ILPR
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4040D82ILPR Datasheet(HTML) 3 Page - Texas Instruments

  LM4040D82ILPR Datasheet HTML 1Page - Texas Instruments LM4040D82ILPR Datasheet HTML 2Page - Texas Instruments LM4040D82ILPR Datasheet HTML 3Page - Texas Instruments LM4040D82ILPR Datasheet HTML 4Page - Texas Instruments LM4040D82ILPR Datasheet HTML 5Page - Texas Instruments LM4040D82ILPR Datasheet HTML 6Page - Texas Instruments LM4040D82ILPR Datasheet HTML 7Page - Texas Instruments LM4040D82ILPR Datasheet HTML 8Page - Texas Instruments LM4040D82ILPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
www.ti.com
LM4040
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SLOS456K – JANUARY 2005 – REVISED MARCH 2008
ORDERING INFORMATION (continued)
DEVICE
ORDERABLE
TOP-SIDE
TA
VKA
PACKAGE(2)
GRADE
PART NUMBER
MARKING(3)
SC-70 (DCK)
Reel of 3000
LM4040B20IDCKR
MT_
Reel of 3000
LM4040B20IDBZR
SOT-23-3 (DBZ)
4MD_
2.048 V
Reel of 250
LM4040B20IDBZT
Bulk of 1000
LM4040B20ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040B20ILPR
SC-70 (DCK)
Reel of 3000
LM4040B25IDCKR
P3_
Reel of 3000
LM4040B25IDBZR
SOT-23-3 (DBZ)
4NH_
2.5 V
Reel of 250
LM4040B25IDBZT
Bulk of 1000
LM4040B25ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040B25ILPR
SC-70 (DCK)
Reel of 3000
LM4040B30IDCKR
PA_
Reel of 3000
LM4040B30IDBZR
SOT-23-3 (DBZ)
4M7_
3 V
Reel of 250
LM4040B30IDBZT
Bulk of 1000
LM4040B30ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040B30ILPR
B grade:
SC-70 (DCK)
Reel of 3000
LM4040B41IDCKR
P5_
0.2% initial
Reel of 3000
LM4040B41IDBZR
accuracy
SOT-23-3 (DBZ)
4M3_
–40
°C to 85°C
and
4.096 V
Reel of 250
LM4040B41IDBZT
100 ppm/
°C
Bulk of 1000
LM4040B41ILP
temperature
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040B41ILPR
coefficient
SC-70 (DCK)
Reel of 3000
LM4040B50IDCKR
MX_
Reel of 3000
LM4040B50IDBZR
SOT-23-3 (DBZ)
4NB_
5 V
Reel of 250
LM4040B50IDBZT
Bulk of 1000
LM4040B50ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040B50ILPR
SC-70 (DCK)
Reel of 3000
LM4040B82IDCKR
PE_
Reel of 3000
LM4040B82IDBZR
SOT-23-3 (DBZ)
4NM_
8.192 V
Reel of 250
LM4040B82IDBZT
Bulk of 1000
LM4040B82ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040B82ILPR
SC-70 (DCK)
Reel of 3000
LM4040B10IDCKR
PJ_
Reel of 3000
LM4040B10IDBZR
SOT-23-3 (DBZ)
4NR_
10 V
Reel of 250
LM4040B10IDBZT
Bulk of 1000
LM4040B10ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040B10ILPR
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com