Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4040D82ILPR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # LM4040D82ILPR
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4040D82ILPR Datasheet(HTML) 26 Page - Texas Instruments

Back Button LM4040D82ILPR Datasheet HTML 22Page - Texas Instruments LM4040D82ILPR Datasheet HTML 23Page - Texas Instruments LM4040D82ILPR Datasheet HTML 24Page - Texas Instruments LM4040D82ILPR Datasheet HTML 25Page - Texas Instruments LM4040D82ILPR Datasheet HTML 26Page - Texas Instruments LM4040D82ILPR Datasheet HTML 27Page - Texas Instruments LM4040D82ILPR Datasheet HTML 28Page - Texas Instruments LM4040D82ILPR Datasheet HTML 29Page - Texas Instruments LM4040D82ILPR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Temperature (_C)
VZ = 2.5 V
IZ = 150 µA
50 ppm/
°C
20 ppm/
°C
7 ppm/
°C
−0.4
0.1
0
−0.1
−0.2
−0.3
0.6
0.5
0.4
0.3
0.2
−40
0
−20
120
100
80
60
40
20
100
1k
1M
10k
100k
Frequency (Hz)
1000
100
10
1
0.1
VZ = 2.5 V
IZ = 150 µA
TJ = 25°C
IZ,AC = 0.1 IZ
XC
No Capacitor
1
µF
Tantanlum
Capacitor
100
1k
1M
10k
100k
Frequency (Hz)
1000
100
10
1
0.1
VZ = 2.5 V
IZ = 1 mA
TJ = 25°C
IZ,AC = 0.1 IZ
XC
No Capacitor
1-
µF
Tantanlum
Capacitor
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VZ, Reverse Voltage (V)
VZ = 2.5 V
TJ = 25°C
0
1
2.5
1.5
2
0.5
3
1
100
100k
1k
10k
Frequency (Hz)
10
1
0.1
10
VZ = 2.5 V
IZ = 200 µA
TJ = 25°C
−1
0
1
2
3
4
5
6
−10
0
10
20
30
40
50
60
70
80
90
VZ = 2.5 V
TJ = 25°C
RS = 30 kΩ
Response Time (
µs)
VIN
VZ
6
4
2
0
−2
−4
−6
−8
−10
−12
LM4040
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SLOS456K – JANUARY 2005 – REVISED MARCH 2008
Figure 1. Temperature Drift for Different Average
Figure 2. Output Impedance vs Frequency
Temperature Coefficients
Figure 3. Output Impedance vs Frequency
Figure 4. Temperature Drift for Different Average
Temperature Coefficient
Figure 5. Noise Voltage vs Frequency
Figure 6. Start-Up Characteristics
26
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com