Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M45PE16-VMP6TP Datasheet(PDF) 42 Page - Numonyx B.V

Part # M45PE16-VMP6TP
Description  16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE16-VMP6TP Datasheet(HTML) 42 Page - Numonyx B.V

Back Button M45PE16-VMP6TP Datasheet HTML 37Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 38Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 39Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 40Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 41Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 42Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 43Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 44Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 45Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
Package mechanical
M45PE16
42/45
Figure 25.
SO8W - 8 lead Plastic Small Outline, 208 mils body width, package outline
1.
Drawing is not to scale.
Table 16.
SO8W - 8 lead Plastic Small Outline, 208 mils body width, package
mechanical data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
2.50
0.098
A1
0.00
0.25
0.000
0.010
A2
1.51
2.00
0.059
0.079
b
0.40
0.35
0.51
0.016
0.014
0.020
c
0.20
0.10
0.35
0.008
0.004
0.014
CP
0.10
0.004
D
6.05
0.238
E
5.02
6.22
0.198
0.245
E1
7.62
8.89
0.300
0.350
e
1.27
–
–
0.050
–
–
k
0°
10°
0°
10°
L
0.50
0.80
0.020
0.031
N (number of pins)
8
8
6L_ME
E
N
CP
b
e
A2
D
c
L
A1
k
E1
A
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com