Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M45PE80-VMP6P Datasheet(PDF) 33 Page - Numonyx B.V

Part # M45PE80-VMP6P
Description  8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE80-VMP6P Datasheet(HTML) 33 Page - Numonyx B.V

Back Button M45PE80-VMP6P Datasheet HTML 29Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 30Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 31Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 32Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 33Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 34Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 35Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 36Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 37Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
M45PE80
Initial delivery state
33/47
8
Initial delivery state
The device is delivered with the memory array erased: all bits are set to 1 (each byte
contains FFh). All usable Status Register bits are 0.
9
Maximum rating
Stressing the device above the rating listed in the Absolute Maximum Ratings table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability. Refer also to the Numonyx SURE Program
and other relevant quality documents.
Table 7.
Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
TSTG
Storage temperature
–65
150
°C
TLEAD
Lead temperature during soldering
See (1)
1.
Compliant with JEDEC Std J-STD-020C (for small body, Sn-Pb or Pb assembly), the Numonyx
ECOPACK® 7191395 specification, and the European directive on Restrictions on Hazardous Substances
(RoHS) 2002/95/EU.
°C
VIO
Input and output voltage (with respect to Ground)
–0.6
VCC + 0.6
V
VCC
Supply voltage
–0.6
4.0
V
VESD
Electrostatic Discharge Voltage (Human Body Model)(2)
2.
JEDEC Std JESD22-A114A (C1=100 pF, R1=1500
Ω, R2=500 Ω)
–2000
2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com