Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M45PE80-VMP6P Datasheet(PDF) 38 Page - Numonyx B.V

Part # M45PE80-VMP6P
Description  8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE80-VMP6P Datasheet(HTML) 38 Page - Numonyx B.V

Back Button M45PE80-VMP6P Datasheet HTML 34Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 35Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 36Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 37Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 38Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 39Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 40Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 41Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 42Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
DC and AC parameters
M45PE80
38/47
Table 14.
AC characteristics (50 MHz operation)(1)
50 MHz preliminary data for T9HX technology(2)
Test conditions specified in Table 8 and Table 9
Symbol
Alt.
Parameter
Min.
Typ.
Max.
Unit
fC
fC
Clock frequency for the following instructions:
FAST_READ, PW, PP, PE, SE, DP, RDP,
WREN, WRDI, RDSR, RDID
D.C.
50
MHz
fR
Clock frequency for READ instructions
D.C.
33
MHz
tCH
(3)
tCLH Clock High time
9
ns
tCL
(3)
tCLL
Clock Low time
9
ns
Clock slew rate(4) (peak to peak)
0.1
V/ns
tSLCH
tCSS S active setup time (relative to C)
5
ns
tCHSL
S not active hold time (relative to C)
5
ns
tDVCH
tDSU Data in setup time
2
ns
tCHDX
tDH
Data in hold time
5
ns
tCHSH
S active hold time (relative to C)
5
ns
tSHCH
S not active setup time (relative to C)
5
ns
tSHSL
tCSH S deselect time
100
ns
tSHQZ
(4)
tDIS
Output disable time
8
ns
tCLQV
tV
Clock Low to Output Valid
8
ns
tCLQX
tHO
Output hold time
0
ns
tWHSL
Write Protect setup time
50
ns
tSHWL
Write Protect hold time
100
ns
tDP
(4)
S to Deep Power-down
3
µs
tRDP
(4)
S High to Standby mode
30
µs
tRLRH
(4)
tRST Reset pulse width
10
µs
tRHSL
tREC Reset recovery time
3
µs
tSHRH
Chip should have been deselected before
Reset is de-asserted
10
ns
tPW
(5)
Page Write cycle time (256 bytes)
11
23
ms
tPP
(5)
Page Program cycle time (256 bytes)
0.8
3ms
Page Program cycle time (n bytes)
int(n/8) × 0.025
tPE
Page Erase cycle time
10
20
ms
tSE
Sector Erase cycle time
1
5
s
1.
Preliminary data.
2.
Delivery of parts in T9HX process to start from June 2007.
3.
tCH + tCL must be greater than or equal to 1/ fC
4.
Value guaranteed by characterization, not 100% tested in production.
5.
n = number of bytes to program. int(A) corresponds to the upper integer part of A. Examples: int(1/8) = 1, int(16/8) = 2,
int(17/8) = 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com