Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF002 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MICRF002
Description  300-440MHz QwikRadio?줐SK Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF002 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MICRF002 Datasheet HTML 4Page - Micrel Semiconductor MICRF002 Datasheet HTML 5Page - Micrel Semiconductor MICRF002 Datasheet HTML 6Page - Micrel Semiconductor MICRF002 Datasheet HTML 7Page - Micrel Semiconductor MICRF002 Datasheet HTML 8Page - Micrel Semiconductor MICRF002 Datasheet HTML 9Page - Micrel Semiconductor MICRF002 Datasheet HTML 10Page - Micrel Semiconductor MICRF002 Datasheet HTML 11Page - Micrel Semiconductor MICRF002 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MICRF002/RF022
Micrel
MICRF002/RF022
8
March 2003
In sweep-mode, a range reduction will occur in installations
where there is a strong interferer in the swept RF band. This
is because the process indiscriminately includes all signals
within the sweep range. An MICRF002 may be used in place
of a superregenerative receiver in most applications.
Step 2: Selecting The Reference
Oscillator
All timing and tuning operations on the MICRF002 are de-
rived from the internal Colpitts reference oscillator. Timing
and tuning is controlled through the REFOSC pin in one of
three ways:
1. Connect a ceramic resonator
2. Connect a crystal
3. Drive this pin with an external timing signal
The specific reference frequency required is related to the
system transmit frequency and to the operating mode of the
receiver as set by the SWEN pin.
Crystal or Ceramic Resonator Selection
Do not use resonators with integral capacitors since capaci-
tors are included in the IC, also care should be taken to
ensure low ESR capacitors are selected. Application Hint 34
and Application Hint 35 provide additional information and
recommended sources for crystals and resonators.
If operating in fixed-mode, a crystal is recommended. In
sweep-mode either a crystal or ceramic resonator may be
used. When a crystal of ceramic resonator is used the
minimum voltage is 300mV
PP. If using an externally applied
signal it should be AC-coupled and limited to the operating
range of 0.1V
PP to 1.5VPP.
Selecting Reference Oscillator Frequency f
T
(Fixed Mode)
As with any superheterodyne receiver, the mixing between
the internal LO (local oscillator) frequency f
LO and the incom-
ing transmit frequency f
TX ideally must equal the IF center
frequency. Equation 1 may be used to compute the appropri-
ate f
LO for a given fTX:
(1)
f
f
0.86
f
315
LO
TX
TX
=± 
Frequencies f
TX and fLO are in MHz. Note that two values of
f
LO exist for any given fTX, distinguished as “high-side mixing”
and “low-side mixing.” High-side mixing results in an image
frequency above the frequency of interest and low-side
mixing results in a frequency below.
After choosing one of the two acceptable values of f
LO, use
Equation 2 to compute the reference oscillator frequency f
T:
(2)
f
f
64.5
T
LO
=
Frequency f
T is in MHz. Connect a crystal of frequency fT to
REFOSC on the MICRF002. Four-decimal-place accuracy
on the frequency is generally adequate. The following table
identifies f
T for some common transmit frequencies when the
MICRF002 is operated in fixed mode.
t
i
m
s
n
a
r
T
y
c
n
e
u
q
e
r
F
f
X
T
r
o
t
a
l
l
i
c
s
O
e
c
n
e
r
e
f
e
R
y
c
n
e
u
q
e
r
F
f
T
z
H
M
5
1
3z
H
M
0
7
9
8
.
4
z
H
M
0
9
3z
H
M
0
3
6
0
.
6
z
H
M
8
1
4z
H
M
3
8
9
4
.
6
z
H
M
2
9
.
3
3
4z
H
M
8
5
4
7
.
6
Table 2. Fixed Mode Recommended Reference
Oscillator Values For Typical Transmit Frequencies
(high-side mixing)
Selecting REFOSC Frequency f
T
(Sweep Mode)
Selection of the reference oscillator frequency f
T in sweep
mode is much simpler than in fixed mode due to the LO
sweeping process. Also, accuracy requirements of the fre-
quency reference component are significantly relaxed.
In sweep mode, f
T is given by Equation 3:
(3)
f
f
64.25
T
LO
=
In SWEEP mode a reference oscillator with frequency accu-
rate to two-decimal-places is generally adequate. A crystal
may be used and may be necessary in some cases if the
transmit frequency is particularly imprecise.
t
i
m
s
n
a
r
T
y
c
n
e
u
q
e
r
F
f
X
T
r
o
t
a
l
l
i
c
s
O
e
c
n
e
r
e
f
e
R
y
c
n
e
u
q
e
r
F
f
T
z
H
M
5
1
3z
H
M
8
8
.
4
z
H
M
0
9
3z
H
M
5
0
.
6
z
H
M
8
1
4z
H
M
8
4
.
6
z
H
M
2
9
.
3
3
4z
H
M
3
7
.
6
Table 3. Recommended Reference Oscillator Values
For Typical Transmit Frequencies (sweep-mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com