Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF002 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MICRF002
Description  300-440MHz QwikRadio?줐SK Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF002 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MICRF002 Datasheet HTML 7Page - Micrel Semiconductor MICRF002 Datasheet HTML 8Page - Micrel Semiconductor MICRF002 Datasheet HTML 9Page - Micrel Semiconductor MICRF002 Datasheet HTML 10Page - Micrel Semiconductor MICRF002 Datasheet HTML 11Page - Micrel Semiconductor MICRF002 Datasheet HTML 12Page - Micrel Semiconductor MICRF002 Datasheet HTML 13Page - Micrel Semiconductor MICRF002 Datasheet HTML 14Page - Micrel Semiconductor MICRF002 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
March 2003
11
MICRF002/RF022
MICRF002/RF022
Micrel
Additional Applications Information
In addition to the basic operation of the MICRF002 the
following enhancements can be made. In particilar it is
strongly recommended that the antenna impedance is
matched to the input of the IC.
Antenna Impedance Matching
As shown in table 4 the antenna pin input impedance is
frequency dependant.
The ANT pin can be matched to 50 Ohms with an L-type
circuit. That is, a shunt inductor from the RF input to ground
and another in series from the RF input to the antenna pin.
Inductor values may be different from table depending on
PCB material, PCB thickness, ground configuration, and how
long the traces are in the layout. Values shown were charac-
terized for a 0.031 thickness, FR4 board, solid ground plane
on bottom layer, and very short traces. MuRata and Coilcraft
wire wound 0603 or 0805 surface mount inductors were
tested, however any wire wound inductor with high SRF (self
resonance frequency) should do the job.
Shutdown Function
Duty-cycled operation of the MICRF002 (often referred to as
polling) is achieved by turning the MICRF002 on and off via
the SHUT pin. The shutdown function is controlled by a logic
state applied to the SHUT pin. When V
SHUT is high, the
device goes into low-power standby mode. This pin is pulled
high internally, it must be externally pulled low to enable the
receiver.
y
c
n
e
u
q
e
r
F
)
z
H
M
(
Z
N
I
)
(
1
1
Z
1
1
SL
T
N
U
H
S
)
H
n
(L
S
E
I
R
E
S
)
H
n
(
0
0
36
6
1
j
–
2
19
2
5
.
0
j
–
3
0
8
.
05
12
7
5
0
35
6
1
j
–
2
10
3
5
.
0
j
–
0
0
8
.
05
12
7
0
1
33
6
1
j
–
2
16
3
5
.
0
j
–
6
9
7
.
05
12
7
5
1
32
6
1
j
–
3
16
3
5
.
0
j
–
1
9
7
.
05
12
7
0
2
30
6
1
j
–
2
13
4
5
.
0
j
–
9
8
7
.
05
18
6
5
2
37
5
1
j
–
2
10
5
5
.
0
j
–
2
8
7
.
02
18
6
0
3
35
5
1
j
-
2
16
5
5
.
0
j
–
8
7
7
.
02
18
6
5
3
32
5
1
j
–
2
14
6
5
.
0
j
–
0
7
7
.
02
18
6
0
4
30
5
1
j
-
1
12
7
5
.
0
j
–
7
6
7
.
05
16
5
5
4
38
4
1
j
–
1
18
7
5
.
0
j
–
2
6
7
.
05
16
5
0
5
35
4
1
j
–
1
16
8
5
.
0
j
–
3
5
7
.
02
16
5
5
5
33
4
1
j
–
1
12
9
5
.
0
j
–
8
4
7
.
02
16
5
0
6
31
4
1
j
–
1
17
9
5
.
0
j
–
2
4
7
.
00
16
5
5
6
39
3
1
j
–
1
13
0
6
.
0
j
–
5
3
7
.
00
16
5
0
7
37
3
1
–
0
12
1
6
.
0
j
–
2
3
7
.
02
17
4
5
7
35
3
1
j
–
0
19
1
6
.
0
j
–
5
2
7
.
02
17
4
0
8
33
3
1
j
–
0
15
2
6
.
0
j
–
8
1
7
.
00
17
4
5
8
31
3
1
j
–
0
11
3
6
.
0
j
–
1
1
7
.
00
17
4
0
9
30
3
1
j
–
0
14
3
6
.
0
j
–
7
0
7
.
00
13
4
5
9
38
2
1
j
–
0
11
4
6
.
0
j
–
0
0
7
.
00
13
4
0
0
46
2
1
j
–
0
17
4
6
.
0
j
–
2
9
6
.
00
13
4
5
0
44
2
1
j
–
0
13
5
6
.
0
j
–
4
8
6
.
00
19
3
0
1
42
2
1
j
–
0
10
6
6
.
0
j
–
5
7
6
.
00
19
3
5
1
40
2
1
j
–
0
17
6
6
.
0
j
–
7
6
6
.
00
19
3
0
2
48
1
1
j
–
0
13
7
6
.
0
j
–
8
5
6
.
00
16
3
5
2
47
1
1
j
–
0
17
7
6
.
0
j
–
3
5
6
.
00
16
3
0
3
45
1
1
j
–
0
14
8
6
.
0
j
–
3
4
6
.
00
13
3
5
3
44
1
1
j
–
0
17
8
6
.
0
j
–
8
3
6
.
00
13
3
0
4
42
1
1
j
–
84
0
7
.
0
j
–
5
3
6
.
02
.
83
3
j100
j25
∞
50
0
–j25
–j100
Table 4. Input Impedance Versus Frequency
LSHUNT
LSERIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com