Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4511 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4511
Description  GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4511 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4511 Datasheet HTML 1Page - OSRAM GmbH SFH4511 Datasheet HTML 2Page - OSRAM GmbH SFH4511 Datasheet HTML 3Page - OSRAM GmbH SFH4511 Datasheet HTML 4Page - OSRAM GmbH SFH4511 Datasheet HTML 5Page - OSRAM GmbH SFH4511 Datasheet HTML 6Page - OSRAM GmbH SFH4511 Datasheet HTML 7Page - OSRAM GmbH SFH4511 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SFH 4511
GaAs-IR-Lumineszenzdiode
GaAs Infrared Emitter
Lead (Pb) Free Product - RoHS Compliant
2005-02-25
1
Wesentliche Merkmale
• GaAs-LED mit sehr hohem Wirkungsgrad
• 5mm Kunststoffgehäuse
• Peakwellenlänge 950 nm
• Sehr enger Abstrahlwinkel (
± 4°)
• Hohe Strahlstärke
• Hohe Zuverlässigkeit
Anwendungen
• IR-Fernsteuerung von Fernseh- und
Rundfunkgeräten, Videorecordern,
Lichtdimmern
• Gerätefernsteuerungen für Gleich- und
Wechsellichtbetrieb
• Sensorik
• Diskrete Lichtschranken
Typ
Type
Bestellnummer
Ordering Code
Strahlstärkegruppierung
1) (I
F = 100 mA, tp = 20 ms)
Radiant Intensity Grouping
1)
I
e (mW/sr)
1) gemessen bei einem Raumwinkel Ω = 0.001 sr / measured at a solid angle of Ω = 0.001 sr
SFH 4511
Q62703Q5557
> 63 (typ. 150)
Features
• Very highly efficient GaAs-LED
• 5mm plastic package
• Peak Wavelength 950 nm
• Very narrow radiation Angle (
± 4 Deg.)
• High radiant intensity
• High reliability
Applications
• IR remote control of hi-fi and TV-sets, video
tape recorders, dimmers
• Remote control for steady and varying intensity
• Sensor technology
• Discrete interrupters


Similar Part No. - SFH4511

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH4510 SIEMENS-SFH4510 Datasheet
58Kb / 6P
GaAs-IR-Lumineszenzdioden 950 nm GaAs Infrared Emitters 950 nm
logo
OSRAM GmbH
SFH4510 OSRAM-SFH4510 Datasheet
77Kb / 7P
GaAs Infrared Emitters (950 nm) in SMR짰 Package
SFH4510 OSRAM-SFH4510_02 Datasheet
77Kb / 7P
GaAs Infrared Emitters (950 nm) in SMR짰 Package
SFH4512 OSRAM-SFH4512 Datasheet
160Kb / 11P
Spectral match with silicon photodetectors
logo
Siemens Semiconductor G...
SFH4515 SIEMENS-SFH4515 Datasheet
58Kb / 6P
GaAs-IR-Lumineszenzdioden 950 nm GaAs Infrared Emitters 950 nm
More results

Similar Description - SFH4511

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LD261 SIEMENS-LD261 Datasheet
36Kb / 4P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD271 SIEMENS-LD271 Datasheet
41Kb / 5P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD274 SIEMENS-LD274 Datasheet
34Kb / 4P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH400 SIEMENS-SFH400 Datasheet
64Kb / 7P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH405 SIEMENS-SFH405 Datasheet
33Kb / 4P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH495P SIEMENS-SFH495P Datasheet
43Kb / 4P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
logo
OSRAM GmbH
SFH4202 OSRAM-SFH4202 Datasheet
248Kb / 9P
Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
LD242 OSRAM-LD242 Datasheet
209Kb / 7P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH400 OSRAM-SFH400 Datasheet
231Kb / 8P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH4500 OSRAM-SFH4500 Datasheet
225Kb / 8P
Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com