Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4511 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH4511
Description  GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4511 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH4511 Datasheet HTML 1Page - OSRAM GmbH SFH4511 Datasheet HTML 2Page - OSRAM GmbH SFH4511 Datasheet HTML 3Page - OSRAM GmbH SFH4511 Datasheet HTML 4Page - OSRAM GmbH SFH4511 Datasheet HTML 5Page - OSRAM GmbH SFH4511 Datasheet HTML 6Page - OSRAM GmbH SFH4511 Datasheet HTML 7Page - OSRAM GmbH SFH4511 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SFH 4511
2005-02-25
5
Relative Spectral Emission
I
rel = f (λ)
Forward Current
I
F = f (VF), single pulse, tp = 20 µs
Permissible Pulse Handling
Capability
I
F = f (τ), TA = 25 °C
duty cycle
D = parameter
OHRD1938
λ
rel
Ι
0
880
920
960
1000
nm
1060
20
40
60
80
%
100
10
OHR01554
F
V
-3
-2
10
-1
10
0
10
1
10
01
2
3
4
5
6
V
8
A
Ι
F
t
OHR00860
p
-5
10
10
2
Ι
F
10
3
10
4
5
DC
0.2
0.5
0.1
0.005
0.01
0.02
0.05
t p
T
Ι
F
t p
T
D =
5
mA
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
s
D =
Radiant Intensity
Single pulse,
t
p = 20 µs
Radiation Characteristics,
Ι
rel = f (ϕ)
Ι
e
Ι
e 100 mA
=
f (I
F)
OHR01551
10 -3
Ι
F
-2
10
10 -1
10 0
10 1
10 2
Ι
e 100 mA
e
Ι
-2
10
-1
10
0
10
1
10
A
A
OHF01142
0˚
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
0˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ
Max. Permissible Forward Current
I
F = f (TA)
OHR00883
0
F
Ι
0
20
40
60
80
100
120
20
40
60
80
100
120
mA
˚C
T
A
R
thjA = 450 K/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com