Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB641E Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # AT45DB641E
Description  64-Mbit DataFlash (with Extra 2-Mbits), 1.7 V Minimum SPI Serial Flash Memory
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB641E Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button AT45DB641E Datasheet HTML 33Page - Renesas Technology Corp AT45DB641E Datasheet HTML 34Page - Renesas Technology Corp AT45DB641E Datasheet HTML 35Page - Renesas Technology Corp AT45DB641E Datasheet HTML 36Page - Renesas Technology Corp AT45DB641E Datasheet HTML 37Page - Renesas Technology Corp AT45DB641E Datasheet HTML 38Page - Renesas Technology Corp AT45DB641E Datasheet HTML 39Page - Renesas Technology Corp AT45DB641E Datasheet HTML 40Page - Renesas Technology Corp AT45DB641E Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 78 page
background image
DS-AT45DB641E-027 Rev. O
Page 37
6/30/23
© 2023 Renesas Electronics
AT45DB641E Datasheet
9.2.1
Programming the Security Register
The user programmable portion of the Security Register does not need to be erased before it is programmed.
To program the Security Register, a 4-byte opcode sequence of 9Bh, 00h, 00h, and 00h must be clocked into the
device. After the last bit of the opcode sequence has been clocked into the device, the data for the contents of the
64-byte user programmable portion of the Security Register must be clocked in.
After the last data byte has been clocked in, the CS pin must be deasserted to initiate the internally self-timed
program cycle. The programming of the Security Register takes place in a time of tP, during which time the
RDY/BUSY bit in the Status Register indicates that the device is busy. If the device is powered-down during the
program cycle, then the contents of the 64-byte user programmable portion of the Security Register cannot be
guaranteed.
If the full 64 bytes of data are not clocked in before the CS pin is deasserted, then the values of the byte locations
not clocked in cannot be guaranteed.
Example: If only the first two bytes are clocked in instead of the complete 64 bytes, then the remaining 62 bytes of
the user programmable portion of the Security Register cannot be guaranteed. Furthermore, if more than 64 bytes
of data are clocked into the device, the data wraps around to the beginning of the register. For example, if 65 bytes
of data are clocked in, then the 65th byte is stored at byte location 0 of the Security Register.
Warning: The user programmable portion of the Security Register can only be programmed one time. Thus, it is
not possible, for example, to only program the first two bytes of the register and then program the remaining 62
bytes at a later time.
The Program Security Register command uses Buffer 1 for processing. Thus, the contents of Buffer 1 are altered
from their previous state when this command is issued.
Figure 14. Program Security Register
9.2.2
Reading the Security Register
To read the Security Register, an opcode of 77h and three dummy bytes must be clocked into the device. After the
last dummy bit has been clocked in, the contents of the Security Register can be clocked out on the SO pin. After
the last byte of the Security Register has been read, additional pulses on the SCK pin result in undefined data
being output on the SO pin.
Deasserting the CS pin terminates the Read Security Register operation and put the SO pin into a high-
impedance state.
Figure 15. Read Security Register
Data
n
9Bh
00h
00h
00h
Data
n + 1
Data
n + 63
CS
SI
Each transition represents eight bits
77h
XX
XX
XX
Data
n
Data
n + 1
CS
Data
n + x
SI
SO
Each transition represents eight bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com