Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB641E Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # AT45DB641E
Description  64-Mbit DataFlash (with Extra 2-Mbits), 1.7 V Minimum SPI Serial Flash Memory
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB641E Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button AT45DB641E Datasheet HTML 36Page - Renesas Technology Corp AT45DB641E Datasheet HTML 37Page - Renesas Technology Corp AT45DB641E Datasheet HTML 38Page - Renesas Technology Corp AT45DB641E Datasheet HTML 39Page - Renesas Technology Corp AT45DB641E Datasheet HTML 40Page - Renesas Technology Corp AT45DB641E Datasheet HTML 41Page - Renesas Technology Corp AT45DB641E Datasheet HTML 42Page - Renesas Technology Corp AT45DB641E Datasheet HTML 43Page - Renesas Technology Corp AT45DB641E Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 78 page
background image
DS-AT45DB641E-027 Rev. O
Page 40
6/30/23
© 2023 Renesas Electronics
AT45DB641E Datasheet
10.4 Status Register Read
The 2-byte Status Register can be used to determine the device's ready/busy status, page size, a Main Memory
Page to Buffer Compare operation result, the sector protection status, Freeze Sector Lockdown status,
erase/program error status, Program/Erase Suspend status, and the device density. The Status Register can be
read at any time, including during an internally self-timed program or erase operation.
To read the Status Register, the CS pin must first be asserted and then the opcode D7h must be clocked into the
device. After the opcode has been clocked in, the device begins outputting Status Register data on the SO pin
during every subsequent clock cycle. After the second byte of the Status Register has been clocked out, the
sequence repeats itself, starting again with the first byte of the Status Register, as long as the CS pin remains
asserted and the clock pin is being pulsed. The data in the Status Register are constantly being updated,
consequently, each repeating sequence can output new data. The RDY/BUSY status is available for both bytes of
the Status Register and is updated for each byte.
Deasserting the CS pin terminates the Status Register Read operation and put the SO pin into a high-impedance
state. The CS pin can be deasserted at any time and does not require that a full byte of data be read.
1. R = Readable only.
Table 20. Status Register Format – Byte 1
Bit
Name
Type[1]
Description
7
RDY/BUSY
Ready/Busy Status
R
0
Device is busy with an internal operation.
1
Device is ready.
6
COMP
Compare Result
R
0
Main memory page data match buffer data.
1
Main memory page data do not match buffer data.
5:2
DENSITY
Density Code
R
1111
64-Mbit
1
PROTECT
Sector Protection Status
R
0
Sector protection is disabled.
1
Sector protection is enabled.
0
PAGE SIZE
Page Size Configuration
R
0
Device is configured for standard DataFlash page size (264 bytes).
1
Device is configured for “power of 2” binary page size (256 bytes).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com