Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF022 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MICRF022
Description  300-440MHz QwikRadio?줐SK Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF022 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MICRF022 Datasheet HTML 5Page - Micrel Semiconductor MICRF022 Datasheet HTML 6Page - Micrel Semiconductor MICRF022 Datasheet HTML 7Page - Micrel Semiconductor MICRF022 Datasheet HTML 8Page - Micrel Semiconductor MICRF022 Datasheet HTML 9Page - Micrel Semiconductor MICRF022 Datasheet HTML 10Page - Micrel Semiconductor MICRF022 Datasheet HTML 11Page - Micrel Semiconductor MICRF022 Datasheet HTML 12Page - Micrel Semiconductor MICRF022 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
March 2003
9
MICRF002/RF022
MICRF002/RF022
Micrel
Step 3: Selecting The C
TH Capacitor
Extraction of the dc value of the demodulated signal for
purposes of logic-level data slicing is accomplished using the
external threshold capacitor C
TH and the on-chip switched-
capacitor “resistor” R
SC, shown in the block diagram.
Slicing level time constant values vary somewhat with de-
coder type, data pattern, and data rate, but typically values
range from 5ms to 50ms. Optimization of the value of C
TH is
required to maximize range.
Selecting Capacitor C
TH
The first step in the process is selection of a data-slicing-level
time constant. This selection is strongly dependent on sys-
tem issues including system decode response time and data
code structure (that is, existence of data preamble, etc.). This
issue is covered in more detail in Application Note 22.
The effective resistance of R
SC is listed in the electrical
characteristics table as 145k
Ω at 315MHz, this value scales
linearly with frequency. Source impedance of the CTH pin at
other frequencies is given by equation (4), where f
T is in MHz:
(4)
R
145k
4.8970
f
SC
T
=Ω
τ of 5x the bit-rate is recommended. Assuming that a slicing
level time constant
τ has been established, capacitor C
TH
may be computed using equation
(5)
C
R
TH
SC
= τ
A standard
±20% X7R ceramic capacitor is generally suffi-
cient. Refer to Application Hint 42 for C
TH and CAGC selection
examples.
Step 4: Selecting The C
AGC Capacitor
The signal path has AGC (automatic gain control) to increase
input dynamic range. The attack time constant of the AGC is
set externally by the value of the C
AGC capacitor connected
to the CAGC pin of the device. To maximize system range, it
is important to keep the AGC control voltage ripple low,
preferably under 10mVpp once the control voltage has at-
tained its quiescent value. For this reason capacitor values of
at least 0.47
µF are recommended.
The AGC control voltage is carefully managed on-chip to
allow duty-cycle operation of the MICRF002. When the
device is placed into shutdown mode (SHUT pin pulled high),
the AGC capacitor floats to retain the voltage. When opera-
tion is resumed, only the voltage droop due to capacitor
leakage must be replenished. A relatively low-leakage ca-
pacitor is recommended when the devices are used in duty-
cycled operation.
To further enhance duty-cycled operation, the AGC push and
pull currents are boosted for approximately 10ms immedi-
ately after the device is taken out of shutdown. This compen-
sates for AGC capacitor voltage droop and reduces the time
to restore the correct AGC voltage. The current is boosted by
a factor of 45.
Selecting C
AGC Capacitor in Continuous Mode
A C
AGC capacitor in the range of 0.47µF to 4.7µF is typically
recommended. The value of the C
AGC should be selected to
minimize the ripple on the AGC control voltage by using a
sufficiently large capacitor. However if the capacitor is too
large the AGC may react too slowly to incoming signals. AGC
settling time from a completely discharged (zero-volt) state is
given approximately by Equation 6:
(6)
∆t 1.333C
0.44
AGC
=−
where:
C
AGC is in µF, and ∆t is in seconds.
Selecting C
AGC Capacitor in Duty-Cycle Mode
Voltage droop across the C
AGC capacitor during shutdown
should be replenished as quickly as possible after the IC is
enabled. As mentioned above, the MICRF002 boosts the
push-pull current by a factor of 45 immediately after start-up.
This fixed time period is based on the reference oscillator
frequency f
T. The time is 10.9ms for fT = 6.00MHz, and varies
inversely with f
T. The value of CAGC capacitor and the
duration of the shutdown time period should be selected such
that the droop can be replenished within this 10ms period.
Polarity of the droop is unknown, meaning the AGC voltage
could droop up or down. Worst-case from a recovery stand-
point is downward droop, since the AGC pull-up current is
1/10th magnitude of the pulldown current. The downward
droop is replenished according to the Equation 7:
(7)
I
C
V
t
AGC
= ∆
∆
where:
I = AGC pullup current for the initial 10ms (67.5
µA)
C
AGC = AGC capacitor value
∆t = droop recovery time
∆V = droop voltage
For example, if user desires
∆t = 10ms and chooses a 4.7µF
C
AGC, then the allowable droop is about 144mV. Using the
same equation with 200nA worst case pin leakage and
assuming 1
µA of capacitor leakage in the same direction, the
maximum allowable
∆t (shutdown time) is about 0.56s for
droop recovery in 10ms.
The ratio of decay-to-attack time-constant is fixed at 10:1
(that is, the attack time constant is 1/10th of the decay time
constant). Generally the design value of 10:1 is adequate for
the vast majority of applications. If adjustment is required the
constant may be varied by adding a resistor in parallel with the
C
AGC capacitor. The value of the resistor must be determined
on a case by case basis.
Step 5: Selecting The Demod Filter
Bandwidth
The inputs SEL0 and SEL1 control the demodulator filter
bandwidth in four binary steps (625Hz to 5000Hz in sweep,
1250Hz to 10000Hz in fixed mode), see Table 1. Bandwidth
must be selected according to the application. The demodu-
lator bandwidth should be set according to equation 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com