Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF022 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MICRF022
Description  300-440MHz QwikRadio?줐SK Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF022 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MICRF022 Datasheet HTML 1Page - Micrel Semiconductor MICRF022 Datasheet HTML 2Page - Micrel Semiconductor MICRF022 Datasheet HTML 3Page - Micrel Semiconductor MICRF022 Datasheet HTML 4Page - Micrel Semiconductor MICRF022 Datasheet HTML 5Page - Micrel Semiconductor MICRF022 Datasheet HTML 6Page - Micrel Semiconductor MICRF022 Datasheet HTML 7Page - Micrel Semiconductor MICRF022 Datasheet HTML 8Page - Micrel Semiconductor MICRF022 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MICRF002/RF022
Micrel
MICRF002/RF022
4
March 2003
Electrical Characteristics
V
DDRF = VDDBB = VDD where +4.75V ≤ VDD ≤ 5.5V, VSS = 0V; CAGC = 4.7µF, CTH = 100nF; SEL0 = SEL1 = VSS; fixed mode ( SWEN
= V
SS); fREFOSC = 4.8970MHz (equivalent to fRF = 315MHz); data-rate = 1kbps (Manchester encoded). TA = 25°C, bold values indicate
–40
°C ≤ T
A ≤ +85°C; current flow into device pins is positive; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
OP
Operating Current
continuous operation, f
RF = 315MHz
2.2
3.2
mA
polled with 10:1 duty cycle, f
RF = 315MHz
220
µA
continuous operation, f
RF = 433.92MHz
3.5
mA
polled with 10:1 duty cycle, f
RF = 433.92MHz
350
µA
I
STBY
Standby Current
V
SHUT = VDD
0.9
µA
RF Section, IF Section
Receiver Sensitivity (Note 4)
f
RF = 315MHz
–97
dBm
f
RF = 433.92MHz
–95
dBm
f
IF
IF Center Frequency
Note 6
0.86
MHz
f
BW
IF Bandwidth
Note 6
0.43
MHz
Maximum Receiver Input
R
SC = 50Ω
–20
dBm
Spurious Reverse Isolation
ANT pin, R
SC = 50Ω, Note 5
30
µVrms
AGC Attack to Decay Ratio
t
ATTACK ÷ tDECAY
0.1
AGC Leakage Current
T
A = +85°C
±100
nA
Reference Oscillator
Z
REFOSC
Reference Oscillator
Note 8
290
k
Ω
Input Impedance
Reference Oscillator Source
5.2
uA
Current
Demodulator
Z
CTH
CTH Source Impedance
Note 7
145
k
Ω
I
ZCTH(leak)
CTH Leakage Current
T
A = +85°C
±100
nA
Demodulator Filter Bandwidth
V
SEL0 = VDD. VSEL1 = VDD
4000
Hz
Sweep Mode
V
SEL0 = VSS. VSEL1 = VDD
2000
Hz
(SWEN = V
DD or OPEN)
V
SEL0 = VDD. VSEL1 = VSS
1000
Hz
Note 6
V
SEL0 = VSS. VSEL1 = VSS
500
Hz
Demodulator Filter Bandwidth
V
SEL0 = VDD. VSEL1 = VDD
8000
Hz
Fixed Mode
V
SEL0 = VSS. VSEL1 = VDD
4000
Hz
(SWEN = V
SS
V
SEL0 = VDD. VSEL1 = VSS
2000
Hz
Note 6
V
SEL0 = VSS. VSEL1 = VSS
1000
Hz
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
DDRF, VDDBB) .................................... +7V
Input/Output Voltage (V
I/O) ................. VSS–0.3 to VDD+0.3
Junction Temperature (T
J) ...................................... +150°C
Storage Temperature Range (T
S) ............ –65°C to +150°C
Lead Temperature (soldering, 10 sec.) ................... +260
°C
ESD Rating, Note 3
Operating Ratings (Note 2)
Supply Voltage (V
DDRF, VDDBB) ................ +4.75V to +5.5V
RF Frequency Range ............................. 300MHz to 440Hz
Data Duty-Cycle ............................................... 20% to 80%
Reference Oscillator Input Range ............ 0.1V
PP to 1.5VPP
Ambient Temperature (T
A) ......................... –40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com