Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WR064HT Datasheet(PDF) 39 Page - Numonyx B.V

Part # M58WR064HT
Description  64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WR064HT Datasheet(HTML) 39 Page - Numonyx B.V

Back Button M58WR064HT Datasheet HTML 35Page - Numonyx B.V M58WR064HT Datasheet HTML 36Page - Numonyx B.V M58WR064HT Datasheet HTML 37Page - Numonyx B.V M58WR064HT Datasheet HTML 38Page - Numonyx B.V M58WR064HT Datasheet HTML 39Page - Numonyx B.V M58WR064HT Datasheet HTML 40Page - Numonyx B.V M58WR064HT Datasheet HTML 41Page - Numonyx B.V M58WR064HT Datasheet HTML 42Page - Numonyx B.V M58WR064HT Datasheet HTML 43Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 111 page
background image
M58WR064HT, M58WR064HB
Configuration Register
39/111
8
Configuration Register
The Configuration Register is used to configure the type of bus access that the memory will
perform. Refer to Read Modes section for details on read operations.
The Configuration Register is set through the Command Interface. After a Reset or Power-
Up the device is configured for asynchronous page read (CR15 = 1). The Configuration
Register bits are described in Table 10. They specify the selection of the burst length, burst
type, burst X latency and the Read operation. Refer to Figures 5 and 6 for examples of
synchronous burst configurations.
8.1
Read Select Bit (CR15)
The Read Select bit, CR15, is used to switch between asynchronous and synchronous Bus
Read operations. When the Read Select bit is set to ’1’, read operations are asynchronous;
when the Read Select bit is set to ’0’, read operations are synchronous. Synchronous Burst
Read is supported in both parameter and main blocks and can be performed across banks.
On reset or power-up the Read Select bit is set to’1’ for asynchronous access.
8.2
X-Latency Bits (CR13-CR11)
The X-Latency bits are used during Synchronous Read operations to set the number of
clock cycles between the address being latched and the first data becoming available. For
correct operation the X-Latency bits can only assume the values in Table 10: Configuration
Register.
Table 9shows how to set the X-Latency parameter, taking into account the speed class of
the device and the Frequency used to read the Flash memory in Synchronous mode.
8.3
Wait Polarity Bit (CR10)
In synchronous burst mode the Wait signal indicates whether the output data are valid or a
WAIT state must be inserted. The Wait Polarity bit is used to set the polarity of the Wait
signal. When the Wait Polarity bit is set to ‘0’ the Wait signal is active Low. When the Wait
Polarity bit is set to ‘1’ the Wait signal is active High.
Table 9.
Latency Settings
fmax
tKmin
X-Latency (Min)
Speed 60ns
Speed 70ns
30MHz
33ns
2
2
40MHz
25ns
2
3
54MHz
19ns
3
3
66MHz
15ns
4
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com