Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WR064HT Datasheet(PDF) 85 Page - Numonyx B.V

Part # M58WR064HT
Description  64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WR064HT Datasheet(HTML) 85 Page - Numonyx B.V

Back Button M58WR064HT Datasheet HTML 81Page - Numonyx B.V M58WR064HT Datasheet HTML 82Page - Numonyx B.V M58WR064HT Datasheet HTML 83Page - Numonyx B.V M58WR064HT Datasheet HTML 84Page - Numonyx B.V M58WR064HT Datasheet HTML 85Page - Numonyx B.V M58WR064HT Datasheet HTML 86Page - Numonyx B.V M58WR064HT Datasheet HTML 87Page - Numonyx B.V M58WR064HT Datasheet HTML 88Page - Numonyx B.V M58WR064HT Datasheet HTML 89Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 111 page
background image
M58WR064HT, M58WR064HB
Common Flash Interface
85/111
Table 32.
CFI query identification string
Offset
Sub-section
Name
Description
Value
00h
0020h
Manufacturer Code
Numonyx
01h
8810h
8811h
Device Code
Top (M58WR064HT)
Bottom (M58WR064HB)
02h
reserved
Reserved
03h
reserved
Reserved
04h-0Fh
reserved
Reserved
10h
0051h
Query Unique ASCII String "QRY"
"Q"
11h
0052h
"R"
12h
0059h
"Y"
13h
0003h
Primary Algorithm Command Set and
Control Interface ID code 16 bit ID code
defining a specific algorithm
14h
0000h
15h
offset = P = 0039h Address for Primary Algorithm extended
Query table (see Table 35)
p = 39h
16h
0000h
17h
0000h
Alternate Vendor Command Set and
Control Interface ID Code second vendor -
specified algorithm supported
NA
18h
0000h
19h
value = A = 0000h Address for Alternate Algorithm extended
Query table
NA
1Ah
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com