Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSS3205 Datasheet(PDF) 2 Page - Mosel Vitelic, Corp

Part # MSS3205
Description  21/32/43/60 VOICE ROM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS3205 Datasheet(HTML) 2 Page - Mosel Vitelic, Corp

  MSS3205 Datasheet HTML 1Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 2Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 3Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 4Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 5Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 6Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 7Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 8Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Mask option for
either Level or Edge trigger type for MTX and KBD addressing modes.
either Holdable or unholdable output type for MTX and KBD addressing modes.
either retriggerable or not for all 3 addressing modes.
either BUSY signal or STOP pulse output on BS output.
either low or high active for STOP pulse output.
random or playall or playnext (sequential ) output on OKY (one key) input pin.
either return to the 1st section(ORIGINAL)or keep continuing (CURRENT) for PLAYNEXT (sequential)
function.
3 addressing interface modes.
either slow (20ms) or regular (5ms) debounce time for MTX & KBD addressing mode.
either long (80ms) or regular (40ms) stop pulse width.
MOSEL VITELIC INC.
Description
The MSS6605 is a single-chip CMOS VLSI ROM that can memorize voice up to 60
seconds using
MOSEL qualified coding method (MPCM) at 5.8 KHz.
Three addressing interfaces are provided: CPU mode, KEYBOARD mode and MATRIX mode for versatile
applications. The voice content can be
stored separately into 128 sections or 50 or 56 sentences with
arbitrary length. With minimum external components, this chip can be applied to various application.
Customer voice data will be edited and programmed into ROM by changing one mask during fabrication.
Block Diagram
CLOCK
GENERATOR
CONTROL
LOGIC
BS
ROW0
ROW1
ROW2
ROW3
OSC
TIMING
GENERATOR
ADDRESS
GENERATOR
TRIGGER
TABLE
MPCM
DECODER
VOICE
ROM
SPEAKER
BUFFER
BUZZER
BUFFER
C OUT
V OUT1
V OUT2
V DD
V SS
ROW4
ROW5
ROW6
TG0
TG1
TG2
TG3
TG4
TG5
TG6
TG7
INTP OKY
LED
CHG
PID248*** 08/96
2/27
Specifications subject to change without notice, contact your sales representatives for the most recent information.
MSS2105/S3205/S4305/S6605
preliminary
Device
MSS6605
MSS4305
MSS3205
MSS2105
Capacity
55500h
40000h
30000h
20000h
Duration at 6 KHz S.R.
58.2 seconds
43.6 seconds
32.7 seconds
21.7 seconds
Section
128
128
128
128
Entry/Sentence
256/64
256/64
256/64
256/64
Voice Storage Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com