Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSS3205 Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part # MSS3205
Description  21/32/43/60 VOICE ROM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS3205 Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  MSS3205 Datasheet HTML 1Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 2Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 3Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 4Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 5Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 6Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 7Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 8Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Pad Description
Pad No.
Signal Name
Function
1~7
VDD
ROSC
BS
VSS
VOUT1
Positive power supply
Oscillator Resistor input
I/O
O
Power
COUT
Power
O
CPU mode: No connection.
KBD mode: with TG0 ~ TG7 for trigger input,
internal pull high, active low.
ROW0~ROW4 are used as Decimal digit (D-tree)
ROW5 and ROW6 are used for S-tree.
MTX mode: with TG0 ~ TG7 for scanning function,
used as output pins.
Audio signal voltage output (for buzzer)
Audio signal current output (for speaker)
ROW6~ROW0
CHG
NC
I
Busy / Stop
O
O
NC/I/O
NC
Negative power supply
NC: No connection
VOUT2
TG0
I
21~28
TG7
CPU mode: address input (TG0 ~ TG6), internal pull
high, negative strobe trigger (TG7).
KBD mode: with ROW0 ~ROW6 for trigger input,
internal pull high, active low.
MTX mode: with ROW0 ~ROW6 for scanning function,
internal pull high, active low.
OKY
INTP
I
I
One key Play, playall or playnext or random-play;active low.
Interrupt, stops the audio output at once;low active.
LED
O
LED, sink current
I
Change addressing interface mode from existing mode
~
MOSEL VITELIC INC.
3/27
PID248*** 08/96
8
9
10
11
16
12
13
15,17
Absolute Maximum Rating
C
Symbol
T (Operating)
T (Storage)
VIN
VOUT
Rating
-0.5 ~ +7.0
-10 ~ +60
-55 ~ +125
C
SS
V
- V
DD
V
- 0.3 ~ V
+ 0.3
SS
DD
V
~ V DD
SS
Unit
V
V
DC supply voltage
Input voltage
Output voltage
Operating Temperature
Storage Temperature
Name
FOSC Characteristics
6000
4000
2000
2.0
3.0
4.0
5.0
6.0
Max
Min
6400
5000
S.R.=6000Hz
8000
Hz
VDD
2.4
18
19
20
Specifications subject to change without notice, contact your sales representatives for the most recent information.
Active
L
L
13
14
MSS2105/S3205/S4305/S6605
preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com