Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRMCS3041 Datasheet(PDF) 3 Page - International Rectifier

Part # IRMCS3041
Description  Sensorless Motor Drive Platform for Appliance Based on iMOTION Chipset
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS3041 Datasheet(HTML) 3 Page - International Rectifier

  IRMCS3041 Datasheet HTML 1Page - International Rectifier IRMCS3041 Datasheet HTML 2Page - International Rectifier IRMCS3041 Datasheet HTML 3Page - International Rectifier IRMCS3041 Datasheet HTML 4Page - International Rectifier IRMCS3041 Datasheet HTML 5Page - International Rectifier IRMCS3041 Datasheet HTML 6Page - International Rectifier IRMCS3041 Datasheet HTML 7Page - International Rectifier IRMCS3041 Datasheet HTML 8Page - International Rectifier IRMCS3041 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IRMCS3041
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
3
1 Introduction
1.1 Overview
IRMCS3041 is a reference design platform for inverter-controlled appliance motor drive applications based on
iMOTIONTM chipset. It contains IRMCF341 digital motion control IC, and IRAMS10UP60B, integrated power
module.
IRMCF341 is International Rectifier’s new integrated circuit device primarily designed as a one-chip solution for
sensorless permanent magnet motor control in appliance applications. Unlike a traditional microcontroller or DSP,
IRMCF341 provides a built-in closed loop sensorless control algorithm using a unique Motion Control Engine
(MCETM) for surface/interior permanent magnet motors with sinusoidal back EMF. IRMCF341 also employs a unique
single shunt current reconstruction circuit to eliminate additional analog/digital circuitry and enables a direct shunt
resistor interface to the IC. The MCETM consists of a collection of control elements, motion peripherals, a dedicated
motion control sequencer and dual port RAM to map internal signal nodes. Motion control programming is achieved
by using a dedicated graphical compiler integrated into the MATLAB/SimulinkTM development environment.
Sequencing, user interface, host communication, and upper layer control tasks can be implemented in the 8051 high-
speed 8-bit microcontroller. The 8051 microcontroller is equipped with a JTAG port to facilitate emulation and
debugging tools. Figure 1 shows a typical application schematic using the IRMCF341.
IRMCF341 contains 48K bytes of program RAM, which can be loaded from external EEPROM for 8051 program
execution. The IRMCF341 is intended for development purposes. For high volume production, IRMCK341 contains
OTP ROM in place of program RAM to reduce the cost. Both IRMCF341 and IRMCK341 come in the same 64-pin
QFP package with identical pin configuration to facilitate PC board layout and transition to mass production
IRAMS10UP60B is an integrated power module developed and optimized for appliance motor control. An internal
shunt resistor is included and offers easy current feedback through IRMCF341 single shunt current reconstruction
circuit. Built-in over-current protection and short-circuit rated IGBTs along with under-voltage lockout function and a
built-in temperature monitor deliver a high level of protection and fail-safe operation. The integration of bootstrap
diodes for the high-side driver section and the single polarity power supply required to drive internal circuitry simplify
the utilization of the module and deliver further cost reduction advantages.
IRMCF341
Multiple
Output
Power
Supply
HVIC
Gate Drive
&
Protection
Circuit
Upto 22 Digital
Input/Output
I2C Interface
to EEPROM
7 Analog Input
Appliance Inverter
3.3
V
1.8
V
Passive
EMI
Filter
UART interface
to Front Panel
Motor
(PMSM or IM)
Figure 1.
Typical Application Block Diagram Using IRMCF341



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com