Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRMCS3041 Datasheet(PDF) 10 Page - International Rectifier

Part # IRMCS3041
Description  Sensorless Motor Drive Platform for Appliance Based on iMOTION Chipset
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS3041 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRMCS3041 Datasheet HTML 3Page - International Rectifier IRMCS3041 Datasheet HTML 4Page - International Rectifier IRMCS3041 Datasheet HTML 5Page - International Rectifier IRMCS3041 Datasheet HTML 6Page - International Rectifier IRMCS3041 Datasheet HTML 7Page - International Rectifier IRMCS3041 Datasheet HTML 8Page - International Rectifier IRMCS3041 Datasheet HTML 9Page - International Rectifier IRMCS3041 Datasheet HTML 10Page - International Rectifier IRMCS3041 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IRMCS3041
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
10
4 Specifications
TC = 25
°C unless specified
Parameters
Values
Conditions
Input Power
Voltage
115V-230Vrms, -20%, +10%
Frequency
50/60 Hz
Input current
4A rms @nominal output
TA =40°C, RthSA=1.0 °C/W
Input line impedance
4%
∼8% recommended
Output Power
Watts
400W continuous power
Vin=230V AC, fPWM=10kHz, fO=60Hz,
TA=40°C, RthSA=1.0 °C/W,
Vertically mounted to help air flow
Current
3 Arms nominal, 9 Arms Overload
RthSA limits
ΔTC to 10°C during overload
Host interface (RS232C)
TXD, RXD
10V
Typical 57.6 Kbps, single ended
JTAG interface
TMS, TDI, TCK, TDO
3.3V
Interface with FS2 debugger
D/A
8- bit 3 Channel
0-3.3V output
8051 software needs modification to use it.
A/D
12-bit
0 – 1.2V
DC bus, single shunt current, AIN1-AIN6
DC bus voltage
Maximum DC bus voltage
400V
Should not exceed 400V more than 30 sec
Minimum DC bus voltage
120V
Current feedback
Current sensing device
Single shunt reconstruction
Resolution
12-bit
PCB design may reduce the resolution
Latency
1 pwm cycle
Protection
Output current trip level
14A peak, typical
Detection from shunt on negative DC bus
Short circuit delay time
Maximum 7 μsec
line-to-line short, line-to-DC bus (-) short
Critical over voltage trip
380V
Re-scalable
Over voltage trip
360V
Re-scalable
Under voltage trip
120V
Re-scalable
Power Device
IRAMS10UP60B
6 IGBT/FRED + IR2136 gate driver +3
bootstrap diode + shunt resistor + NTC
Integrated over-current protection
System environment
Ambient temperature
0 to 40
°C
95% RH max. (Non-condensing)
Table 1.
IRMCS3041 Electrical Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com