Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7410 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC7410
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7410 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC7410_1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1
10
Freescale Semiconductor
Electrical and Thermal Characteristics
Table 4 provides the package thermal characteristics for the MPC7410.
Table 3. Recommended Operating Conditions 1
Characteristic
Symbol
Recommended
Value
Unit
Notes
Core supply voltage
VDD
1.8 V ± 100 mV
V
—
PLL supply voltage
AVDD
1.8 V ± 100 mV
V
—
L2 DLL supply voltage
L2AVDD
1.8 V ± 100 mV
V
—
Processor bus supply
voltage
BVSEL = 0
OVDD
1.8 V ± 100 mV
V
—
BVSEL = HRESET
OVDD
2.5 V ± 100 mV
V
—
BVSEL = ¬HRESET or
BVSEL = 1
OVDD
3.3 V ± 165 mV
V
2, 3
L2 bus supply voltage
L2VSEL = 0
L2OVDD
1.8 V ± 100 mV
V
—
L2VSEL = HRESET or
L2VSEL = 1
L2OVDD
2.5 V ± 100 mV
V
—
Input voltage
Processor bus and
JTAG signals
Vin
GND to OVDD
V—
L2 bus
Vin
GND to L2OVDD
V—
Die-junction temperature
Tj
0 to 105
°C
—
Notes:
1. These are the recommended and tested operating conditions. Proper device operation outside of these conditions
is not guaranteed.
2. M
xx7410xxnnnLE (Rev. 1.4) and later only. Previous revisions do not support 3.3 V OVDD and have a
recommended OVDD value of 2.5 V ± 100 mV for BVSEL = 1.
3. M
xx7410xxnnnLE (Rev. 1.4) and later only. Previous revisions do not support BVSEL = ¬HRESET.
Table 4. Package Thermal Characteristics
Characteristic
Symbol
Value
Unit
Notes
MPC7410
CBGA
MPC7410
HCTE
Junction-to-ambient thermal resistance, natural convection,
four-layer (2s2p) board
RθJMA
18
20
°C/W
1, 2
Junction-to-ambient thermal resistance, 1m/sec airflow,
four-layer (2s2p) board
RθJMA
14
16
°C/W
1, 2
Junction-to-ambient thermal resistance, 2m/sec airflow,
four-layer (2s2p) board
RθJMA
13
15
°C/W
1, 2
Junction-to-board thermal resistance
RθJB
911
°C/W
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com