Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7410 Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # MPC7410
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7410 Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button MPC7410 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC7410 Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 56 page
background image
MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1
50
Freescale Semiconductor
Document Revision History
1.1
—
Internal release.
Table 12—added note 16 for ABB/AMON and DBB/DMON signal clarification.
Table 12—changed CHK note 4 reference to note 2, signal is for factory test only. Changed previous
note 4 (CHK related) to now provide additional PLL info.
Table 1—modified maximum value for OVDD from –0.3 to 3.465 to now be –0.3 to 3.6 and L2OVDD
from –0.3 to 2.6 to now be –0.3 to 2.8. Modified note 6, OVDD for revisions prior to Rev. 1.4 have
maximum value for OVDD of –0.3 to 2.8.
Table 8—removed note 12. L2_TSTCLK is for factory use only (see Table 12, note 2).
Section 1.10.2—revised section to include nomenclature tables for part markings not covered by this
spec.
Figure 2—added that under/overshoot for L2OVDD references tL2CLK while OVDD references tSYSCLK.
Table 4—added HCTE package (HX package descriptor) thermal characteristics.
Section 1.5—added HCTE package (HX package descriptor). Both the CBGA and HCTE packages
have the same pin assignments.
Section 1.6—added HCTE package (HX package descriptor). Both the CBGA and HCTE packages
have the same pinout listings.
Section 1.7—added HCTE package (HX package descriptor). Both the CBGA and HCTE packages
have the same package parameters and dimensions.
Table 17—added HCTE package (HX package descriptor) to part numbering nomenclature.
Table 21—added MPC7410THXnnnLE extended temperature HCTE package part numbers and part
number specification document reference.
Table 16. Document Revision History (continued)
Revision
Date
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com