Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

300CB08 Datasheet(PDF) 1 Page - Holland Electronics

Part # 300CB08
Description  300CB08/nrg300CB08 - 325A Dual-Feed Circuit Breaker Panel
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLAND [Holland Electronics]
Direct Link  https://www.hollandelectronics.com/
Logo HOLLAND - Holland Electronics

300CB08 Datasheet(HTML) 1 Page - Holland Electronics

  300CB08 Datasheet HTML 1Page - Holland Electronics 300CB08 Datasheet HTML 2Page - Holland Electronics 300CB08 Datasheet HTML 3Page - Holland Electronics 300CB08 Datasheet HTML 4Page - Holland Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
300CB08/nrg300CB08
Amphenol All rights reserved
DS-60-1891 5
.6.19 v6
800-677-2288 | abs-go.com
300CB08
/nrg300CB08
325A Dual-Feed Circuit Breaker Panel
300CB08/nrg300CB08 - 325A Dual-Feed Circuit Breaker Panel
Power :: 8/8 Position Circuit Breaker Panel
Overview
The Amphenol 300CB08/nrg300CB08 are
325A dual-feed 8/8 position circuit
breaker panels featuring ±12/±24/±48V
operating voltages to serve both legacy
and “next-gen” network applications.
Engineered into a standard 1RU footprint,
each circuit supports up to 60A breakers in each position, providing ample capacity for distribution to a broad
range of components. Advanced circuit level monitoring features are available as an option. The panel is
available in standard terminal block outputs or connectorized outputs.
This platform provides front access to circuit
breakers with alarm on/off switch
configuration for uninstalled breaker
locations. Also featured are front LED
indicators for power/breaker alarms and
monitoring status, and rear connections for
form C relay alarms (and optional nrgSmart
controller connections).
Each of the 325A feeds provide power for up
to eight output positions. Field replaceable circuit breakers are available from 5A to 60A per position.
The front of the panel features a face plate designed to protect against unintended breaker on or off
switching. The panel supports universal voltages (±12VDC to ±48VDC).
Primary Benefits
• Universal voltage (±12VDC, ±24VDC and ±48VDC) enables standardization on a single part
number for multiple voltages
• Up to 60A breakers for distribution to a variety of network elements
• UL and NEBS compliant to ensure industry-standard safety and functional requirements
• Form C relay contacts provide reliable alarm connections
• Integrated designation card holder for simple power identification
• Fail alarm LEDs indicate breaker and power failures
• Clear, flame-retardant polycarbonate cover (94V-0) protects input and output power connections
and wiring from damage
300CB08 - Front View
Nrg300CB08 - Rear View


Similar Part No. - 300CB08

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
300CFN12 TEC-300CFN12 Datasheet
142Kb / 2P
3-phase Delta Power Line Filter for High Voltage Applications
300CFN12 TEC-300CFN12 Datasheet
513Kb / 6P
Corcom High Current AC Power Line Filters
logo
Cooper Bussmann, Inc.
300CJ COOPER-300CJ Datasheet
186Kb / 2P
Fast-Acting Ceramic Body, Class J
logo
Sangdest Microelectroni...
300CMQ SMC-300CMQ Datasheet
216Kb / 4P
Guard ring for enhanced ruggedness and long term reliability
logo
SMC Diode Solutions Co....
300CMQ SMCDIODE-300CMQ Datasheet
343Kb / 5P
SCHOTTKY RECTIFIER
Rev. D
More results

Similar Description - 300CB08

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6174 INTERSIL-ISL6174 Datasheet
351Kb / 16P
Dual Low Voltage Circuit Breaker
December 19, 2008
logo
Qualtek Electronics Cor...
QLB-053-00DNN-3BA QUALTEK-QLB-053-00DNN-3BA Datasheet
392Kb / 1P
CIRCUIT BREAKER
logo
Carling Technologies
CA3-B0-10-450-121-C CARLINGTECH-CA3-B0-10-450-121-C Datasheet
4Mb / 24P
Circuit Breaker
EA2-B0-24-450-12A-CB CARLINGTECH-EA2-B0-24-450-12A-CB Datasheet
3Mb / 9P
Circuit Breaker
FA2-B0-14-820-12A-BG CARLINGTECH-FA2-B0-14-820-12A-BG Datasheet
3Mb / 12P
Circuit Breaker
GA1-B0-24-620-11-DC CARLINGTECH-GA1-B0-24-620-11-DC Datasheet
2Mb / 4P
Circuit Breaker
HA3-BO-24-450-1B1-DC CARLINGTECH-HA3-BO-24-450-1B1-DC Datasheet
4Mb / 16P
Circuit Breaker
ME2-P-D2 CARLINGTECH-ME2-P-D2 Datasheet
4Mb / 24P
Circuit Breaker
logo
Intersil Corporation
ISL6174IRZ INTERSIL-ISL6174IRZ Datasheet
349Kb / 16P
Dual Low Voltage Circuit Breaker
December 19, 2008
logo
Renesas Technology Corp
ISL6174 RENESAS-ISL6174 Datasheet
765Kb / 16P
Dual Low Voltage Circuit Breaker
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com