Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

300CB08 Datasheet(PDF) 2 Page - Holland Electronics

Part # 300CB08
Description  300CB08/nrg300CB08 - 325A Dual-Feed Circuit Breaker Panel
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLAND [Holland Electronics]
Direct Link  https://www.hollandelectronics.com/
Logo HOLLAND - Holland Electronics

300CB08 Datasheet(HTML) 2 Page - Holland Electronics

  300CB08 Datasheet HTML 1Page - Holland Electronics 300CB08 Datasheet HTML 2Page - Holland Electronics 300CB08 Datasheet HTML 3Page - Holland Electronics 300CB08 Datasheet HTML 4Page - Holland Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
300CB08/nrg300CB08
Amphenol All rights reserved
DS-60-1891 5/6/2019 v.6
800-677-2288 | abs-go.com
300CB08
/nrg300CB08
325A Dual-Feed Circuit Breaker Panel
• Either vertical feed inputs and staggered output terminal blocks facilitate waterfall cable
management or horizontal feed inputs and output connectors allows cables to exit straight back
from the panel
• Optional Individual Circuit Monitoring provides high accuracy, 100% passive monitoring
• Collect feed voltage, circuit current and temperature
• Data is collected and sent to a customer’s network management system via SNMP and MODBUS
Applications
• Wireless
• Central office
• Co-location
• Remote sites
• Secondary distribution
Ordering Information
Description:
Part Number:
325A Dual-Feed Circuit Breaker Panel
8/8 Panel, Vertical Inputs, Output Terminal Blocks
300CB08
nrgSmart Circuit Monitoring, 8/8 Panel, Vertical Inputs, Output Terminal Blocks
nrg300CB08
8/8 Panel, Horizontal Inputs, Connectorized Outputs, Standard Tie Bar
300CB08-C
nrgSmart Circuit Monitoring, 8/8 Panel, Horizontal Inputs, Connectorized
Outputs, Standard Tie Bar
nrg300CB08-C
Accessories
Replaceable Alarm Card
307337
Replaceable Alarm Card, nrgSMART
307343
1RU Circuit Breaker Puller
307491
Blanking Covers (sheet of 16): to cover unused breaker positions
149568
Tie Bar Kit, Chassis Mount, Clear Cover
307620
Tie Bar Kit, Chassis Mount, Clear Cover, 4 Post Mounting Bracket
, 22”-36”
307621
Retrofit Kit, 4 Post Mounting Brackets, 22”-36”
307622
Connector Kit: Plug, Contacts, 8-6 AWG
150326
Connector Kit: Plug, Contacts, 12-10 AWG
150325
Replaceable Contact: 8-6 AWG, Single
150333
Replaceable Contact: 12-10 AWG, Single
150334
nrgSMART Temperature Sensor, ACC, 6ft
nrgTemp
Single-pole Breakers
5A, standard delay, UL489
149710
10A, standard delay, UL489
149711
15A, standard delay, UL489
149712
20A, standard delay, UL489
149713
25A, standard delay, UL489
149714
30A, standard delay, UL489
149715
40A, standard delay, UL489
149716
45A, standard delay, UL489
149717
50A, standard delay, UL489
149718
60A, standard delay, UL489
149719
300CB08-C Rear View



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com