Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAND01GW3B2BN6E. Datasheet(PDF) 57 Page - Numonyx B.V

Part # NAND01GW3B2BN6E.
Description  1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NAND01GW3B2BN6E. Datasheet(HTML) 57 Page - Numonyx B.V

Back Button NAND01GW3B2BN6E. Datasheet HTML 52Page - Numonyx B.V NAND01GW3B2BN6E. Datasheet HTML 53Page - Numonyx B.V NAND01GW3B2BN6E. Datasheet HTML 54Page - Numonyx B.V NAND01GW3B2BN6E. Datasheet HTML 55Page - Numonyx B.V NAND01GW3B2BN6E. Datasheet HTML 56Page - Numonyx B.V NAND01GW3B2BN6E. Datasheet HTML 57Page - Numonyx B.V NAND01GW3B2BN6E. Datasheet HTML 58Page - Numonyx B.V NAND01GW3B2BN6E. Datasheet HTML 59Page - Numonyx B.V NAND01GW3B2BN6E. Datasheet HTML 60Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
NAND01G-B2B, NAND02G-B2C
Package mechanical
57/60
Figure 37.
VFBGA63 9 x 11 mm - 6 x 8 active ball array, 0.80 mm pitch, package outline
1.
Drawing is not to scale
E
D
e
D1
SD
FD
SE
b
A2
FE
A1
A
BGA-Z75
ddd
FD1
D2
E2
E1
e
FE1
BALL "A1"
Table 28.
VFBGA63 9 x 11 mm - 6 x 8 active ball array, 0.80 mm pitch, package mechanical data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.05
0.041
A1
0.25
0.010
A2
0.70
0.028
b
0.45
0.40
0.50
0.018
0.016
0.020
D
9.00
8.90
9.10
0.354
0.350
0.358
D1
4.00
0.157
D2
7.20
0.283
ddd
0.10
0.004
E
11.00
10.90
11.10
0.433
0.429
0.437
E1
5.60
0.220
E2
8.80
0.346
e
0.80
–
–
0.031
–
–
FD
2.50
0.098
FD1
0.90
0.035
FE
2.70
0.106
FE1
1.10
0.043
SD
0.40
–
–
0.016
–
–
SE
0.40
–
–
0.016
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com