Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAND01GW3B2BN6E. Datasheet(PDF) 21 Page - Numonyx B.V

Part # NAND01GW3B2BN6E.
Description  1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NAND01GW3B2BN6E. Datasheet(HTML) 21 Page - Numonyx B.V

Back Button NAND01GW3B2BN6E. Datasheet HTML 17Page - Numonyx B.V NAND01GW3B2BN6E. Datasheet HTML 18Page - Numonyx B.V NAND01GW3B2BN6E. Datasheet HTML 19Page - Numonyx B.V NAND01GW3B2BN6E. Datasheet HTML 20Page - Numonyx B.V NAND01GW3B2BN6E. Datasheet HTML 21Page - Numonyx B.V NAND01GW3B2BN6E. Datasheet HTML 22Page - Numonyx B.V NAND01GW3B2BN6E. Datasheet HTML 23Page - Numonyx B.V NAND01GW3B2BN6E. Datasheet HTML 24Page - Numonyx B.V NAND01GW3B2BN6E. Datasheet HTML 25Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
NAND01G-B2B, NAND02G-B2C
Device operations
21/60
Figure 6.
Read operations
1.
Highest address depends on device density.
CL
E
W
AL
R
I/O
RB
00h
ai08657b
Busy
Command
code
Data output (sequentially)
Address input
tBLBH1
30h
Command
code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com