Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2716 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M2716
Description  NMOS 16K 2K x 8 UV EPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M2716 Datasheet(HTML) 2 Page - STMicroelectronics

  M2716 Datasheet HTML 1Page - STMicroelectronics M2716 Datasheet HTML 2Page - STMicroelectronics M2716 Datasheet HTML 3Page - STMicroelectronics M2716 Datasheet HTML 4Page - STMicroelectronics M2716 Datasheet HTML 5Page - STMicroelectronics M2716 Datasheet HTML 6Page - STMicroelectronics M2716 Datasheet HTML 7Page - STMicroelectronics M2716 Datasheet HTML 8Page - STMicroelectronics M2716 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Q2
VSS
A3
A0
Q0
Q1
A2
A1
G
Q5
A10
EP
Q3
VPP
Q7
Q6
Q4
A4
VCC
A7
AI00785
M2716
8
1
2
3
4
5
6
7
9
10
11
12
20
19
18
17
16
15
A6
A5
A9
A8
23
22
21
14
13
24
Figure 2. DIP Pin Connections
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
grade 1
grade 6
0 to 70
–40 to 85
°C
TBIAS
Temperature Under Bias
grade 1
grade 6
–10 to 80
–50 to 95
°C
TSTG
Storage Temperature
–65 to 125
°C
VCC
Supply Voltage
–0.3 to 6
V
VIO
Input or Output Voltages
–0.3 to 6
V
VPP
Program Supply
–0.3 to 26.5
V
PD
Power Dissipation
1.5
W
Note: Except for the rating "Operating Temperature Range", stresses above those listed in the Table "Absolute Maximum Ratings" may cause
permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those
indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating conditions for extended periods
may affect device reliability. Refer also to the SGS-THOMSON SURE Program and other relevant quality documents.
Table 2. Absolute Maximum Ratings
DEVICE OPERATION
The M2716 has 3 modes of operation in the normal
system environment. These are shown in Table 3.
Read Mode. The M2716 read operation requires
that G = VIL, EP = VIL and that addresses A0-A10
have been stabilized. Valid data will appear on the
output pins after time tAVQV, tGLQV or tELQV (see
Switching Time Waveforms) depending on which is
limiting.
Deselect Mode. The M2716 is deselected by mak-
ing G = VIH. This mode is independent of EP and
the condition of the addresses. The outputs are
Hi-Z when G = VIH. This allows tied-OR of 2 or more
M2716’s for memory expansion.
Standby Mode (Power Down). The M2716 may
be powered down to the standby mode by making
EP = VIH. This is independent of G and automat-
ically puts the outputs in the Hi-Z state. The power
is reduced to 25% (132 mW max) of the normal
operating power. VCC and VPP must be maintained
at 5V. Access time at power up remains either tAVQV
or tELQV (see Switching Time Waveforms).
Programming
The M2716 is shipped from SGS-THOMSON com-
pletely erased. All bits will be at “1" level (output
high) in this initial state and after any full erasure.
Table 3 shows the 3 programming modes.
Program Mode. The M2716 is programmed by
introducing “0"s into the desired locations. This is
done 8 bits (a byte) at a time. Any individual address,
sequential addresses, or addresses chosen at ran-
dom may be programmed. Any or all of the 8 bits
associated with an address location may be pro-
grammed with a single program pulse applied to the
EP pin. All input voltage levels including the program
pulse on chip enable are TTL compatible.
The programming sequence is: with VPP = 25V, VCC
= 5V, G = VIH and EP = VIL, an address is selected
and the desired data word is applied to the output
pins (VIL = “0" and VIH = ”1" for both address and
data). After the address and data signals are stable
the program pin is pulsed from VIL to VIH with a
2/9
M2716



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com