Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2716 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M2716
Description  NMOS 16K 2K x 8 UV EPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M2716 Datasheet(HTML) 6 Page - STMicroelectronics

  M2716 Datasheet HTML 1Page - STMicroelectronics M2716 Datasheet HTML 2Page - STMicroelectronics M2716 Datasheet HTML 3Page - STMicroelectronics M2716 Datasheet HTML 4Page - STMicroelectronics M2716 Datasheet HTML 5Page - STMicroelectronics M2716 Datasheet HTML 6Page - STMicroelectronics M2716 Datasheet HTML 7Page - STMicroelectronics M2716 Datasheet HTML 8Page - STMicroelectronics M2716 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Symbol
Alt
Parameter
Test Condition
Min
Max
Units
tAVPH
tAS
Address Valid to Program High
G = VIH
2
µs
tQVPH
tDS
Input Valid to Program High
G = VIH
2
µs
tGHPH
tOS
Output Enable High to Program
High
2
µs
tPL1PL2
tPR
Program Pulse Rise Time
5
ns
tPH1PH2
tPF
Program Pulse Fall Time
5
ns
tPHPL
tPW
Program Pulse Width
45
55
ms
tPLQX
tDH
Program Low to Input Transition
2
µs
tPLGX
tOH
Program Low to Output Enable
Transition
2
µs
tGLQV
tOE
Output Enable to Output Valid
EP = VIL
120
ns
tGHQZ
tDF
Output Enable High to Output Hi-Z
0
100
ns
tPLAX
tAH
Program Low to Address Transition
2
µs
Notes: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2. Sampled only, not 100% tested.
Table 8. Programming Mode AC Characteristics (1)
(TA = 25
°C; VCC = 5V ± 5%; VPP = 25V ± 1V)
AI00787
tGLQV
PROGRAM
DATA IN
A0-A10
EP
G
Q0-Q7
DATA OUT
tAVPH
tQVPH
tGHPH
tPLQX
tPLGX
tPHPL
tPLAX
tGHQZ
VERIFY
VALID
Figure 6. Programming and Verify Modes AC Waveforms
6/9
M2716



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com