Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC032AF Datasheet(PDF) 6 Page - Numonyx B.V

Part # SMC032AF
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AF Datasheet(HTML) 6 Page - Numonyx B.V

Back Button SMC032AF Datasheet HTML 2Page - Numonyx B.V SMC032AF Datasheet HTML 3Page - Numonyx B.V SMC032AF Datasheet HTML 4Page - Numonyx B.V SMC032AF Datasheet HTML 5Page - Numonyx B.V SMC032AF Datasheet HTML 6Page - Numonyx B.V SMC032AF Datasheet HTML 7Page - Numonyx B.V SMC032AF Datasheet HTML 8Page - Numonyx B.V SMC032AF Datasheet HTML 9Page - Numonyx B.V SMC032AF Datasheet HTML 10Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
Contents
SMCxxxAF
6/82
9.26
Write Sector(s) command (30h or 31h) . . . . . . . . . . . . . . . . . . . . . . . . . . 72
9.27
Write Sector(s) without Erase command (38h) . . . . . . . . . . . . . . . . . . . . 73
9.28
Write Verify command (3Ch) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73
10
CIS information (typical) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74
11
Package mechanical . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
12
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
13
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com