Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC032BF Datasheet(PDF) 83 Page - Numonyx B.V

Part # SMC032BF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032BF Datasheet(HTML) 83 Page - Numonyx B.V

Back Button SMC032BF Datasheet HTML 79Page - Numonyx B.V SMC032BF Datasheet HTML 80Page - Numonyx B.V SMC032BF Datasheet HTML 81Page - Numonyx B.V SMC032BF Datasheet HTML 82Page - Numonyx B.V SMC032BF Datasheet HTML 83Page - Numonyx B.V SMC032BF Datasheet HTML 84Page - Numonyx B.V SMC032BF Datasheet HTML 85Page - Numonyx B.V SMC032BF Datasheet HTML 86Page - Numonyx B.V SMC032BF Datasheet HTML 87Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 91 page
background image
SMCxxxBF
CIS information (typical)
83/91
11
CIS information (typical)
--------
0000: Code 01, link 04
DF 79 01 FF
--------
–
Tuple CISTPL_DEVICE (01), length 4 (04)
–
Device type is FUNCSPEC
–
Extended speed byte used
–
Device speed is 80ns
–
Write protect switch is not in control
–
Device size is 2K bytes
--------
000C: Code 1C, link 05
02 DF 79 01 FF
--------
–
Tuple CISTPL_DEVICE_OC (1C), length 5 (05)
–
Device conditions: VCC = 3.3V
–
Device type is FUNCSPEC
–
Extended speed byte used
–
Device speed is 80ns
–
Write protect switch is not in control
–
Device size is 2K bytes
--------
001A: Code 18, link 02
DF 01
--------
–
Tuple CISTPL_JEDEC_C (18), length 2 (02)
–
Device 0 JEDEC id: Manufacturer DF, ID 01
--------
0022: Code 20, link 04
0A 00 00 00
--------
–
Tuple CISTPL_MANFID (20), length 4 (04)
–
Manufacturer # 0x000A hardware rev 0.00
--------
002E: Code 15, link 12
04 01 53 54 4D 00 53 54 4D 2D x x x x 42 00
00 FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com