Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC032BF Datasheet(PDF) 1 Page - Numonyx B.V

Part # SMC032BF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032BF Datasheet(HTML) 1 Page - Numonyx B.V

  SMC032BF Datasheet HTML 1Page - Numonyx B.V SMC032BF Datasheet HTML 2Page - Numonyx B.V SMC032BF Datasheet HTML 3Page - Numonyx B.V SMC032BF Datasheet HTML 4Page - Numonyx B.V SMC032BF Datasheet HTML 5Page - Numonyx B.V SMC032BF Datasheet HTML 6Page - Numonyx B.V SMC032BF Datasheet HTML 7Page - Numonyx B.V SMC032BF Datasheet HTML 8Page - Numonyx B.V SMC032BF Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 91 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
December 2007
Rev 3
1/91
2
SMCxxxBF
32MByte, 64MByte, 128MByte, 256MByte, 512MByte,
1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash™ Card
Features
■ Custom-designed, highly-integrated memory
controller
– Fully compliant with CompactFlashTM
specification 3.0
– Fully compatible with PCMCIA specification
– PC Card ATA Interface supported
– True IDE mode compatible
– Up to PIO mode 6 supported
– Up to 4 Multi-Word DMA supported
– Hardware RS-code ECC (4 Bytes/528
Bytes correction)
■ Small form factor
– 36.4mm x 42.8mm x 3.3mm
■ Low-power CMOS technology
■ 3.3V / 5.0V power supply
■ Power saving mode (with Automatic Wake-up)
■ High reliability
– MTBF > 3,000,000 hours
– Data reliability: < 1 non-recoverable error
per 1014 bits read
– Endurance: > 2,000,000 Erase/Program
cycles
– Number of card insertions/removals:
>10,000
■ Hot swappable
■ High performance
– Up to 23.8MB/s transfer rate
– Sustained Write performance (host to
card): 12.5MB/s
– Sustained Read Performance (Host to
Card: 19MB/s)
■ Available densities (formatted)
– 32 MBytes to 4 GBytes
■ Operating System support
– Standard Software Drivers operation
CompactFlashTM
www.numonyx.com


Similar Part No. - SMC032BF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMC032BFY6 STMICROELECTRONICS-SMC032BFY6 Datasheet
833Kb / 91P
32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
27-Oct-2006
SMC032BFY6E STMICROELECTRONICS-SMC032BFY6E Datasheet
833Kb / 91P
32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
27-Oct-2006
More results

Similar Description - SMC032BF

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
CompactFlash Card
logo
Silicon Storage Technol...
SST55LC100M SST-SST55LC100M Datasheet
1Mb / 75P
CompactFlash Card Controller
logo
STMicroelectronics
SMCXXXBF STMICROELECTRONICS-SMCXXXBF Datasheet
833Kb / 91P
32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
27-Oct-2006
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Transcend Information. ...
TS2GF300 TRANSCEND-TS2GF300 Datasheet
2Mb / 83P
300X CompactFlash Card
TS16GCF400 TRANSCEND-TS16GCF400 Datasheet
2Mb / 88P
400X CompactFlash Card
TS128MCFI TRANSCEND-TS128MCFI Datasheet
2Mb / 84P
industrial CompactFlash Card
TS32MCF80 TRANSCEND-TS32MCF80 Datasheet
2Mb / 82P
80X CompactFlash Card
TS8GCF600 TRANSCEND-TS8GCF600 Datasheet
2Mb / 87P
600X CompactFlash Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com